Electronic Components Datasheet Search
  English  ▼

X  

UM1559 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1559
Description  The STEVAL-IHM041V1 is a Triac based phase angle control for universal motor speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1559 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1559 Datasheet HTML 4Page - STMicroelectronics UM1559 Datasheet HTML 5Page - STMicroelectronics UM1559 Datasheet HTML 6Page - STMicroelectronics UM1559 Datasheet HTML 7Page - STMicroelectronics UM1559 Datasheet HTML 8Page - STMicroelectronics UM1559 Datasheet HTML 9Page - STMicroelectronics UM1559 Datasheet HTML 10Page - STMicroelectronics UM1559 Datasheet HTML 11Page - STMicroelectronics UM1559 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Circuit description
UM1559
8/13
Doc ID 023542 Rev 1
3
Circuit description
Power supply
The power for the STM8 and the associated control circuit is derived from the mains input
using a capacitive drop power supply followed by a 5 V linear regulator, as shown in
Figure 3.
Figure 3.
Power supply
C2, R15, Z1, D1 and C4 form the capacitive drop supply that provides an unregulated 10 V
to the L7805 linear regulator. Zener diode Z1 sets the peak value of the unregulated supply.
A value of 10 V was chosen to maintain the minimum voltage of 8 V at the input of the
L7805. The power supply section was designed to use with a 120 V/60 Hz mains. The
power supply can be modified to be used on 230 V/50 Hz mains by changing C2.
Component changes needed to modify the board to work on a 230 V/50 Hz mains are
shown in Table 2.
Line sync interface
To synchronize the gate drive for the Triac to the AC mains, the STM8 senses the zero
crossings of the AC mains voltage at the timer1 capture input. A pair of series current
limiting resistors, R1 and R2, connect the AC line input to the timer1 capture input pin. Two
1206 case resistors are used in series to provide sufficient voltage rating. The voltage at the
pin is clamped to 5 V and ground by the internal diodes in the STM8. The values of the
resistors are selected to limit the current to within the allowable range for the STM8.
Triac power stage
Triac Q1 is connected in between the mains and the load and functions as a phase
controlled switch to provide power to the motor. The gating signal is generated by the STM8
at GPIO pins PC6 and PC7. The pins are paralleled in order to increase the available gate
current drive and the control must operate these two outputs in unison.
For best operation, the Triac should be operated in the second and third quadrant, always
using a negative pulse on the gate to turn the device on. Since the STM8 operates from a
positive 5 V supply, it is not possible to directly drive the gate with a negative pulse.
Capacitor C1 AC couples the gate signal from the STM8 to the Triac so that a falling edge on
the output of PC6 and PC7 generates a negative voltage on the Triac gate for turn-on. The
AM12564v1
115VAC
out
1
gnd
2
gnd
3
NC
4
NC
5
gnd
6
gnd
7
in
8
U2
L7805AC
1
2
P2
R15
47
C4
220uF 10V
GND
Z1
10V
5V
C3
470uF 10V
D1
1N4148
C2
2.2uF 400V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com