Electronic Components Datasheet Search
  English  ▼

X  

UM1559 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1559
Description  The STEVAL-IHM041V1 is a Triac based phase angle control for universal motor speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1559 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1559 Datasheet HTML 5Page - STMicroelectronics UM1559 Datasheet HTML 6Page - STMicroelectronics UM1559 Datasheet HTML 7Page - STMicroelectronics UM1559 Datasheet HTML 8Page - STMicroelectronics UM1559 Datasheet HTML 9Page - STMicroelectronics UM1559 Datasheet HTML 10Page - STMicroelectronics UM1559 Datasheet HTML 11Page - STMicroelectronics UM1559 Datasheet HTML 12Page - STMicroelectronics UM1559 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
UM1559
Circuit description
Doc ID 023542 Rev 1
11/13
developed software. Jumper J4, used by the example software, is connected in parallel to
PB3, so either J4 or PB3 may be used.
The board layout allows for up to 5 LEDs that user developed software can use. Only LED2
is populated on the standard configuration board and the example software uses it to display
motor on/off status.
The two outputs on pins 11 and 12 of the STM8 were designed for a dual function. If a 10uF
capacitor is installed in the position marked for LED3 and LED5, the signal on the positive
terminal of each capacitor can be used as a diagnostic analog output. The capacitor, along
with the 2.2 k
Ω series resistor, forms a low pass filter that filters the PWM output from the
STM8 to provide a simple DAC function. The example software uses these two PWM
outputs to provide useful analog diagnostic signals that can be displayed on a scope. By
default, the RPM command (before accel/decel slew limiting) and actual speed are
presented. These signals can also be observed at the test points without the capacitors as a
pure PWM signal.
Note:
The circuit ground of the PCB is “hot” with respect to the AC mains so it is necessary to
operate the board from an isolated supply, such as an isolation transformer, or use an
isolated input oscilloscope to make these observations. This warning also applies to the
connection of a PC to the swim connector. The board must be powered by an isolation
transformer or the connection to the programming dongle must be through an isolating
interface.
Connector J2 is provided to give a serial data output from the UART that may be used for
diagnostics to send data to another board. The example software does not use this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com