Electronic Components Datasheet Search
  English  ▼

X  

SSG4841P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4841P
Description  P-Ch Enhancement Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4841P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4841P_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4841P_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SSG4841P
-9.0 A, -40 V, RDS(ON) 35 m
P-Ch Enhancement Mode Power MOSFET
31-Dec-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to
provide low RDS(on) and to ensure minimal
power loss and heat dissipation. Typical
applications are DC-DC converters and power
management In portable and battery-powered
products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
SOIC-8 saves board space.
Fast switching speed.
High performance trench technology.
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOP-8
2.5K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
ID @ TA = 25°C
-9.0
A
Continuous Drain Current
1
ID @ TA = 70°C
-7.3
A
Pulsed Drain Current
2
IDM
±50
A
Continuous Source Current (Diode Conduction)
1
IS
-2.1
A
PD @ TA = 25°C
3.1
W
Total Power Dissipation
1
PD @ TA = 70°C
2.6
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
t≦10 sec
50
°C / W
Thermal Resistance Junction-ambient (Max.)
1
Steady State
RθJA
92
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
SOP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
S
S
S
GD
D
D
D


Similar Part No. - SSG4841P_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4841P SECOS-SSG4841P Datasheet
174Kb / 2P
P-Ch Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSG4841P DOINGTER-SSG4841P Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SSG4841P VBSEMI-SSG4841P Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
More results

Similar Description - SSG4841P_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG9435P SECOS-SSG9435P_15 Datasheet
633Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com