Electronic Components Datasheet Search
  English  ▼

X  

SSG4841P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4841P
Description  P-Ch Enhancement Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4841P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4841P_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4841P_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SSG4841P
-9.0 A, -40 V, RDS(ON) 35 m
P-Ch Enhancement Mode Power MOSFET
31-Dec-2010 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate Threshold Voltage
VGS(th)
-1
-
-
V
VDS= VGS, ID= -250μA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS= 0V, VGS= ±25V
-
-
-1
μA
VDS= -24V, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
-
-
-5
μA
VDS= -24V, VGS= 0V, TJ=55°C
On-State Drain Current
1
ID(on)
-50
-
-
A
VDS= -5V, VGS= -10V
-
-
35
VGS= -10V, ID= -9.0A
Drain-Source On-Resistance
1
RDS(ON)
-
-
45
mΩ
VGS= -4.5V, ID= -7.2A
Forward Transconductance
1
gfs
-
31
-
S
VDS= -15V, ID= -9.0A
Diode Forward Voltage
VSD
-
-0.7
-
V
IS= -2.1A, VGS= 0V
Dynamic
2
Total Gate Charge
Qg
-
15.3
-
Gate-Source Charge
Qgs
-
5.2
-
Gate-Drain(“Miller”) Charge
Qgd
-
5.8
-
nC
ID= -9.0A
VDS= -15V
VGS= -4.5V
Turn-On Delay Time
Td(on)
-
15
-
Rise Time
Tr
-
12
-
Turn-Off Delay Time
Td(off)
-
62
-
Fall Time
Tf
-
46
-
nS
VDD= -15V, ID= -1A
VGEN= -10V, RL= 15Ω
RG= 6Ω
Notes:
1.
Pulse test:PW ≦ 300μs duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com