Electronic Components Datasheet Search
  English  ▼

X  

AN2512 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2512 Datasheet HTML 10Page - STMicroelectronics AN2512 Datasheet HTML 11Page - STMicroelectronics AN2512 Datasheet HTML 12Page - STMicroelectronics AN2512 Datasheet HTML 13Page - STMicroelectronics AN2512 Datasheet HTML 14Page - STMicroelectronics AN2512 Datasheet HTML 15Page - STMicroelectronics AN2512 Datasheet HTML 16Page - STMicroelectronics AN2512 Datasheet HTML 17Page - STMicroelectronics AN2512 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Power calculation algorithm
AN2512
14/38
In this chapter the readings of data records will be treated in case of 3 phase usage of
STPM01, in particular we will refer to the flow chart in Figure 6.
Figure 6.
Flow chart of phase reading
3.2
STPM01 Initialization (latching) and reading (shifting)
There are two phases of reading the STPM01 data called latching and shifting.
Latching is used to sample results into transmission latches by initiating an active pulse on
SYN while SCS is idle. The pulse length of SYN must be longer than 2 periods of the
measurement clock (that is, t2 - t1 more than 500 ns).
The latching phase has to be done at the same time for all the STPM01 devices keeping the
SCSLx lines in idle state in order to read the information coming from each phase at the
same moment.
Shifting starts when SCS becomes active (low). At the beginning of this phase, another,
much shorter pulse (t5 - t4 = 30 ns) should be applied to SYN. An alternative way to read
shifted data is to extend the pulse on SYN into the second phase of reading (from t1 to t5).
Latching and shifting finish at the last rise of SYN (shown by the t5 line in Figure 7). After
these readings are completed, the STPM01 is reset.
It is possible to read data, by applying 32 serial clocks per data record. Up to 8 data records
can be read this way from each device. Switching to another device is possible enabling the
corresponding SCS line. Note that, enabling multiple SCS lines corrupts the information
received causing parity error. So, in any case, two or more devices cannot be enabled at the
same time.
In order to maximize the reliability of the readings, each data structure can be read twice
and compared. This is possible just by restarting the shifting procedure, then applying the
clock signal on the SCL pin one more time, keeping the corresponding SCS pin in active
state (low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com