Electronic Components Datasheet Search
  English  ▼

X  

AN2512 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2512 Datasheet HTML 21Page - STMicroelectronics AN2512 Datasheet HTML 22Page - STMicroelectronics AN2512 Datasheet HTML 23Page - STMicroelectronics AN2512 Datasheet HTML 24Page - STMicroelectronics AN2512 Datasheet HTML 25Page - STMicroelectronics AN2512 Datasheet HTML 26Page - STMicroelectronics AN2512 Datasheet HTML 27Page - STMicroelectronics AN2512 Datasheet HTML 28Page - STMicroelectronics AN2512 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
AN2512
Three-phase systems
25/38
Figure 14.
Graph of voltage and frequency influence on phase n.3
Appendix A
Three-phase systems
Three-phase is a common method of electric power transmission. It is a type of polyphase
system used to power motors and many other devices.
The currents are sinusoidal functions of time, all at the same frequency but with different
phases. In a three-phase system the phases are spaced equally, giving a phase separation
of 120°. The frequency is typically 50 Hz in Europe and 60 Hz in the US and Canada.
Figure 15.
Instantaneous voltage (or current) in one voltage cycle of a three-phase
system
The three phases could be supplied over six wires, with two wires reserved for the exclusive
use of each phase. However, they are generally supplied over three or four wires:
●
Three phases, 3-Wire DELTA service which has no neutral and 220 V between phases
-0,7
-0,5
-0,3
-0,1
0,1
240
220
180
120
I[A]
-0,5
-0,3
-0,1
0,1
45
52
65
I[A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com