Electronic Components Datasheet Search
  English  ▼

X  

AN2528 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2528 Datasheet HTML 11Page - STMicroelectronics AN2528 Datasheet HTML 12Page - STMicroelectronics AN2528 Datasheet HTML 13Page - STMicroelectronics AN2528 Datasheet HTML 14Page - STMicroelectronics AN2528 Datasheet HTML 15Page - STMicroelectronics AN2528 Datasheet HTML 16Page - STMicroelectronics AN2528 Datasheet HTML 17Page - STMicroelectronics AN2528 Datasheet HTML 18Page - STMicroelectronics AN2528 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AN2528
Experimental results: efficiency and further considerations
15/21
Figure 18.
600 Vac input voltage turn-on highlight
The importance of having a very good transformer in the turn-on highlight at high input
voltage can be better observed. The collector current leading edge at turn-on is evident in
this condition. The peak amplitude has to be controlled or it can lead to premature turn-off of
the PWM driver with consequent instability. This issue has been deeply discussed in
Section 3.
6
Experimental results: efficiency and further
considerations
Table 2 summarizes the thermal and loss data. All information refers to max load. An
excellent result is the very high efficiency also at the highest input voltage. The case
temperature of ESBT is fine even in the worst case, with consequent low power dissipation
on it.
To get the thermal performances shown, a special feature of the bipolar has been positively
utilized.
In a standard QR mode of operation, when the input voltage rises higher and higher, the
switching losses should increase since the frequency is increasing. For this reason the
L6565 provides the frequency foldback function that limits the minimum OFF-time.
An added feature is given by the storage time of ESBT, that helps to further reduce the
frequency while increasing the Input Voltage and/or reducing the load. This frequency
Table 2.
Power dissipation and efficiency
VinAC (V)
Tc (°C)
Ptot (W)
Efficiency
110 (V)
34
0.3
80%
400 (V)
49
0.8
66%
600 (V)
73
1.6
55%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com