Electronic Components Datasheet Search
  English  ▼

X  

AN2528 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2528 Datasheet HTML 12Page - STMicroelectronics AN2528 Datasheet HTML 13Page - STMicroelectronics AN2528 Datasheet HTML 14Page - STMicroelectronics AN2528 Datasheet HTML 15Page - STMicroelectronics AN2528 Datasheet HTML 16Page - STMicroelectronics AN2528 Datasheet HTML 17Page - STMicroelectronics AN2528 Datasheet HTML 18Page - STMicroelectronics AN2528 Datasheet HTML 19Page - STMicroelectronics AN2528 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Experimental results: efficiency and further considerations
AN2528
16/21
reduction at high input voltage is very effective in improving the overall efficiency, since the
higher turn-on and turn-off voltages make the switching losses critical.
Thanks to the storage time (lasting about 1.5 µs under this condition), that adds a delay to
the current on-time, the minimum on-time is much longer than the one imposed by the
L6565.
This leads to a lower Vcomp value, and as a consequence, to a longer minimum OFF-time
(see Figure 19 below). The system then works in advance at lower frequency as soon as
the input voltage increases or the load decreases.
Figure 19.
Vcomp vs TBlank (minimum OFF-time)
In the next figures the frequency reduction as a consequence of an increased input voltage
is shown.
Figure 20.
110 Vac input voltage, max load
From Figure 21 the frequency is reduced due to the storage time presence at 380 Vac,
becoming more and more evident at higher input voltage, 600 Vac.
This "enhanced" frequency foldback created by the storage time allows keeping the total
power dissipation on the device very low regardless of the very high voltage needed to
sustain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com