Electronic Components Datasheet Search
  English  ▼

X  

AN4118 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4118
Description  This document describes APWLink which has been designed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4118 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4118 Datasheet HTML 3Page - STMicroelectronics AN4118 Datasheet HTML 4Page - STMicroelectronics AN4118 Datasheet HTML 5Page - STMicroelectronics AN4118 Datasheet HTML 6Page - STMicroelectronics AN4118 Datasheet HTML 7Page - STMicroelectronics AN4118 Datasheet HTML 8Page - STMicroelectronics AN4118 Datasheet HTML 9Page - STMicroelectronics AN4118 Datasheet HTML 10Page - STMicroelectronics AN4118 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN4118
Configuration
Doc ID 023226 Rev 2
7/13
2.8
Jumper configuration
Table 1.
Jumper configuration
Jumper
Mode
Serial digital input
External I2S
On-board
ADC(1)
J2
LR clock from STA529Q - on-board ADC
Open
Open
Close
J3
Bit clock from STA529Q - on-board ADC
Open
Open
Close
J4
I2S data from STA529Q - on-board ADC
Open
Open
Close
J5
Analog output / 3.3 VDC for external ADC
All open
See footnote(2)
All open
J7
MCLK to STA529Q – on-board ADC
Open
Open
Close
J12
3.3 VDC to external Sound Terminal®
demonstration board
Close
Close
Close
J13
Reserved, not used
All open
All open
All open
J15
I2S selector for external
Sound Terminal® demonstration board
Close only the relevant pins
See footnote(3)
All open
J16
I2S data selector for external Sound
Terminal® demonstration board
All close
All close
All close
JP1
Reserved, not used
All open
All open
All open
JP2
Serial digital audio source selector
For electrical:
For optical:
Do not care
Do not care
1.
APWorkbench supports on-board ADC function.
2.
Please refer to Section 2.6: External I2S input on page 6 for detailed signal definition for each pin.
3.
Please refer to Section 2.6: External I2S input on page 6 for detailed signal definition for relevant pins. All other pins can be
left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com