Electronic Components Datasheet Search
  English  ▼

X  

AN4118 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4118
Description  This document describes APWLink which has been designed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4118 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4118 Datasheet HTML 1Page - STMicroelectronics AN4118 Datasheet HTML 2Page - STMicroelectronics AN4118 Datasheet HTML 3Page - STMicroelectronics AN4118 Datasheet HTML 4Page - STMicroelectronics AN4118 Datasheet HTML 5Page - STMicroelectronics AN4118 Datasheet HTML 6Page - STMicroelectronics AN4118 Datasheet HTML 7Page - STMicroelectronics AN4118 Datasheet HTML 8Page - STMicroelectronics AN4118 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Configuration
AN4118
4/13
Doc ID 023226 Rev 2
2
Configuration
2.1
Power supply
APWLink is directly powered by a USB cable (Type B). No external power supply is needed.
Note that this power supply is NOT for the power bridge supply on the Sound Terminal®
demonstration board. Please refer to the application note of each specific Sound Terminal®
demonstration board.
2.2
3.3 V digital power output to Sound Terminal® demonstration
board
Jumper J12 is used for the selection of the external Sound Terminal® demonstration board
digital power supply. When J12 is closed, 3.3 VDC is provided to the external Sound
Terminal® demonstration board, and if the external Sound Terminal® demonstration board
has its own 3.3 V digital power supply, J12 has to be left open to avoid any current loop.
2.3
Connection to Sound Terminal® demonstration board
APWLink is simply connected to the Sound Terminal® demonstration board through J10, an
on-board 16-pin female 8x2 2.54 mm connector as shown below.
Figure 4.
Connection to Sound Terminal® demonstration board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com