Electronic Components Datasheet Search
  English  ▼

X  

UPD17016 Datasheet(PDF) 1 Page - NEC

Part # UPD17016
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17016 Datasheet(HTML) 1 Page - NEC

  UPD17016 Datasheet HTML 1Page - NEC UPD17016 Datasheet HTML 2Page - NEC UPD17016 Datasheet HTML 3Page - NEC UPD17016 Datasheet HTML 4Page - NEC UPD17016 Datasheet HTML 5Page - NEC UPD17016 Datasheet HTML 6Page - NEC UPD17016 Datasheet HTML 7Page - NEC UPD17016 Datasheet HTML 8Page - NEC UPD17016 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 324 page
background image
MOS INTEGRATED CIRCUIT
µPD17016, 17017
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH
DIGITAL TUNING SYSTEM HARDWARE
The information in this document is subject to change without notice.
The
µPD17016 and 17017 are 4-bit single-chip CMOS microcontrollers equipped with hardware for digital tuning
systems.
The CPU employs the 17K architecture and can directly manipulate the data memory, execute various operations,
and control the peripheral hardware with a single instruction. All the instructions are one-word 16-bit instructions.
As the peripheral hardware, a prescaler that can operate at up to 150 MHz, PLL frequency synthesizer, and
frequency counter for digital tuning systems, as well as many I/O ports, an LCD controller/driver, A/D converter, and
D/A converter (PWM output) are provided.
Therefore, a high-performance, state-of-the-art digital tuning system can be organized with a single chip.
In addition to the
µPD17016 and 17017, a one-time PROM model for program evaluation, the µPD17P005, is also
available.
FEATURES
•
17K architecture: general-purpose register method
•
Program memory (ROM)
8 KB (3836
× 16 bits) :
µPD17016
16 KB (7932
× 16 bits) :
µPD17017
•
General-purpose data memory (RAM)
320
× 4 bits:
µPD17016
432
× 4 bits:
µPD17017
•
Instruction execution time
4.44
µs (with 4.5-MHz crystal resonator)
•
Decimal operation
•
Table reference
•
Hardware for PLL frequency synthesizer
Dual modulus prescaler (150 MHz max.), programmable
divider, charge pump
Unless otherwise specified, the
µPD17017 is explained as the representative model in this document.
•
A wealth of peripheral hardware
General-purpose I/O ports, LCD controller/driver, se-
rial interface, A/D converter, D/A converter (PWM
output), BEEP output, frequency counter
•
Interrupt
External: 1
Internal:
1
•
Power-ON reset, reset by CE pin, and power failure
detection circuit
•
Power-saving CMOS
•
Supply voltage: VDD = 5 V
±10%
Document No. U10664EJ2V0DS00 (2nd edition)
Date Published September 1996 P
Printed in Japan
The mark
shows major revised points.
©
1996
DATA SHEET


Similar Part No. - UPD17016

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17016 RENESAS-UPD17016 Datasheet
1Mb / 326P
MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD17016

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17005 NEC-UPD17005 Datasheet
15Mb / 482P
DIGITAL TUNING SYSTEM HARDWARE BUILT-IN 4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17704 NEC-UPD17704 Datasheet
1Mb / 356P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17P709 NEC-UPD17P709 Datasheet
201Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
UPD17P719 NEC-UPD17P719 Datasheet
201Kb / 40P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com