Electronic Components Datasheet Search
  English  ▼

X  

UPD17016 Datasheet(PDF) 13 Page - NEC

Part # UPD17016
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17016 Datasheet(HTML) 13 Page - NEC

Back Button UPD17016 Datasheet HTML 9Page - NEC UPD17016 Datasheet HTML 10Page - NEC UPD17016 Datasheet HTML 11Page - NEC UPD17016 Datasheet HTML 12Page - NEC UPD17016 Datasheet HTML 13Page - NEC UPD17016 Datasheet HTML 14Page - NEC UPD17016 Datasheet HTML 15Page - NEC UPD17016 Datasheet HTML 16Page - NEC UPD17016 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 324 page
background image
µPD17016, 17017
13
Pin No.
Symbol
Function
Output Form
On Power-ON Reset
13
CE
Selects operation of
µPD17017 and inputs reset signal.
–
Input
(1)
Device operation selection
PLL frequency synthesizer can operate when CE
pin is high; it is automatically disabled (operation
prohibited) while CE pin is low.
(2)
Reset signal input
When CE pin goes high, device is reset in
synchronization with internal basic timer 0 carry FF
(CE reset).
This pin does not accept low or high level of less
than 110 to 165
µs to prevent malfunctioning due to
noise.
Input signal level of this pin can be detected by CE
pin level judge register of register file (address
07H).
Contents of CE pin level judge register are not
changed by low or high level of less than 110 to
165
µs. This pin is a Schmitt trigger input pin with
hysteresis characteristics.
Do not apply voltage higher than VDD to this
pin on power application; otherwise, normal
operation will not be performed.
14
P1A3
4-bit CMOS I/O port.
CMOS
Input
|
|
Can be set in input or output mode in 1-bit units.
push-pull
17
P1A0
18
P1B3Note
Port 1B also serving as D/A converter and buzzer output pins.
N-ch
Outpus
19
P1B2/PWM1Note
• P1B3-P1B0
open drain,
undefined data
20
P1B1/PWM0Note
• 4-bit output port
16 V
(P1B3-P1-B0)
21
P1B0/BEEP
• PWM1, PWM0
P1B3,
• D/A converter output with 8-bit resolution
P1B2/PWM1,
• BEEP
P1B1/PWM0
• Buzzer output
CMOS
push-pull
(P1B0/BEEP)
22
P1C3
4-bit CMOS output port.
CMOS
Outputs
|
|
push-pull
undefined data
25
P1C0
Note
The P1B3, P1B2/PWM1, and P1B1/PWM0 pins are N-ch open-drain output pins and must be connected to
an external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com