Electronic Components Datasheet Search
  English  ▼

X  

IRHM2C50SE Datasheet(PDF) 2 Page - International Rectifier

Part # IRHM2C50SE
Description  TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM2C50SE Datasheet(HTML) 2 Page - International Rectifier

  IRHM2C50SE Datasheet HTML 1Page - International Rectifier IRHM2C50SE Datasheet HTML 2Page - International Rectifier IRHM2C50SE Datasheet HTML 3Page - International Rectifier IRHM2C50SE Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
—
—
0.83
RthJA
Junction-to-Ambient
—
—
48
K/W
…
RthCS
Case-to-Sink
—
0.21
—
Typical socket mount
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ
Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
600
—
—
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
0.45
—
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source
—
—
0.60
VGS = 12V, ID =6.5A
On-State Resistance
—
—
0.65
Ω
VGS = 12V, ID = 10.4A
VGS(th)
Gate Threshold Voltage
2.5
—
4.5
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
3.0
—
—
S ( )VDS > 15V, IDS = 6.5A „
IDSS
Zero Gate Voltage Drain Current
—
—
50
VDS= 0.8 x Max Rating,VGS=0V
—
—
250
VDS = 0.8 x Max Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
150
VGS =12V, ID = 10.4A
Qgs
Gate-to-Source Charge
—
—
30
nC
VDS = Max Rating x 0.5
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
75
td(on)
Turn-On Delay Time
—
—
55
VDD = 300V, ID = 10.4A,
tr
Rise Time
—
—
190
RG = 2.35Ω
td(off)
Turn-Off Delay Time
—
—
210
tf
Fall Time
—
—
130
LD
Internal Drain Inductance
—
8.7
—
LS
Internal Source Inductance
—
8.7
—
Ciss
Input Capacitance
—
2700
—
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
300
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
61
—
nA
IRHM2C50SE, IRHM7C50SE Devices
Pre-Radiation
„
nH
ns
Measured from drain lead,
6mm (0.25 in) from package
to center of die.
Measured from source lead,
6mm (0.25 in) from package
to source bonding pad.
Modified MOSFET symbol show-
ing the internal inductances.
µA
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
10.4
Modified MOSFET symbol showing the integral
ISM
Pulse Source Current (Body Diode)

—
—
41.6
reverse p-n junction rectifier.
VSD
Diode Forward Voltage
—
—
1.62
V
Tj = 25°C, IS = 10.4A, VGS = 0V „
trr
Reverse Recovery Time
—
—
1200
ns
Tj = 25°C, IF = 10.4A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
—
—
16
µCVDD ≤ 30V „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com