Electronic Components Datasheet Search
  English  ▼

X  

IRHM2C50SE Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM2C50SE
Description  TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM2C50SE Datasheet(HTML) 1 Page - International Rectifier

  IRHM2C50SE Datasheet HTML 1Page - International Rectifier IRHM2C50SE Datasheet HTML 2Page - International Rectifier IRHM2C50SE Datasheet HTML 3Page - International Rectifier IRHM2C50SE Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRHM2C50SE
600V
0.60
Ω
10.4A
IRHM7C50SE
Features:
n Radiation Hardened up to 1 x 105 Rads (Si)
n Single Event Burnout (SEB) Hardened
n Single Event Gate Rupture (SEGR) Hardened
n Gamma Dot (Flash X-Ray) Hardened
n Neutron Tolerant
n Identical Pre- and Post-Electrical Test Conditions
n Repetitive Avalanche Rating
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Ceramic Eyelets
Absolute Maximum Ratings
Parameter
IRHM2C50SE, IRHM7C50SE
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
10.4
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
6.5
IDM
Pulsed Drain Current

41.6
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/K
…
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
500
mJ
IAR
Avalanche Current

10.4
A
EAR
Repetitive Avalanche Energy

15
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
3.0
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in (1.6 mm) from case for 10 sec)
Weight
9.3 (typical)
g
N-CHANNEL
SINGLE EVENT EFFECT (SEE) RAD HARD
Provisional Data Sheet No. PD-9.1252B
Pre-Radiation
600Volt, 0.60
Ω
Ω
Ω
Ω
Ω, (SEE) RAD HARD HEXFET
International Rectifier’s (SEE) RAD HARD technology
HEXFETs demonstrate virtual immunity to SEE fail-
ure. Additionally, under identical pre- and post-radia-
tion test conditions, International Rectifier’s RAD HARD
HEXFETs retain identical electrical specifications up
to 1 x 105 Rads (Si) total dose. No compensation in
gate drive circuitry is required.These devices are also
capable of surviving transient ionization pulses as high
as 1 x 1012 Rads (Si)/Sec, and return to normal opera-
tion within a few microseconds. Since the SEE pro-
cess utilizes International Rectifier’s patented HEXFET
technology, the user can expect the highest quality and
reliability in the industry.
RAD HARD HEXFET transistors also feature all of
the well-established advantages of MOSFETs, such
as voltage control, very fast switching, ease of paral-
leling and temperature stability of the electrical pa-
rameters. They are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy pulse
circuits in space and weapons environments.
oC
A
REPETITIVE AVALANCHE AND dv/dt RATED
IRHM2C50SE
HEXFET® TRANSISTOR
IRHM7C50SE
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRHM2C50SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM3054 IRF-IRHM3054 Datasheet
166Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM3130 IRF-IRHM3130 Datasheet
488Kb / 12P
RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM3150 IRF-IRHM3150 Datasheet
444Kb / 12P
RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM3160 IRF-IRHM3160 Datasheet
137Kb / 8P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM3250 IRF-IRHM3250 Datasheet
271Kb / 12P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
More results

Similar Description - IRHM2C50SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFM260 IRF-IRFM260 Datasheet
442Kb / 8P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
IRHI7360SE IRF-IRHI7360SE Datasheet
112Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=24.3A)
IRHI7460SE IRF-IRHI7460SE Datasheet
131Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
IRHM7360SE IRF-IRHM7360SE Datasheet
146Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=22A)
IRHN2C50SE IRF-IRHN2C50SE Datasheet
110Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)
IRHN7130 IRF-IRHN7130 Datasheet
508Kb / 14P
TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14)
IRHNA7460SE IRF-IRHNA7460SE Datasheet
139Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
JANTX2N6845 IRF-JANTX2N6845 Datasheet
232Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com