Electronic Components Datasheet Search
  English  ▼

X  

AN4199 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4199
Description  Two-layer demonstration board based on the STA333IS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4199 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4199 Datasheet HTML 12Page - STMicroelectronics AN4199 Datasheet HTML 13Page - STMicroelectronics AN4199 Datasheet HTML 14Page - STMicroelectronics AN4199 Datasheet HTML 15Page - STMicroelectronics AN4199 Datasheet HTML 16Page - STMicroelectronics AN4199 Datasheet HTML 17Page - STMicroelectronics AN4199 Datasheet HTML 18Page - STMicroelectronics AN4199 Datasheet HTML 19Page - STMicroelectronics AN4199 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Design guidelines for schematic and PCB layout
AN4199
16/23
DocID023917 Rev 1
6
Design guidelines for schematic and PCB layout
6.1
General
Absolute maximum rating: 20 V
Bypass capacitor 100 nF in parallel to 1 µF and 10 µF for each power VCC branch.
Preferable dielectric is X7R.
Vdd and ground for the digital section should be separated from the other power
supply.
Coil saturation current compatible with the peak current of the application
6.2
Decoupling capacitors
The decoupling capacitors can be shared for each VCC branch. The decoupling capacitors
must be placed as close as possible to the IC pins.
6.3
Output filter
Figure 17. Output filter
6.3.1
Snubber network
The snubber circuit must be optimized for the specific application. Starting values are
330 pF in series to 22
.
The power dissipation in this network can be defined by the following formula which
considers the power supply, frequency and capacitor value:
P = C · FreqPWM · (2 · Vout)
2
This power is dissipated on the series resistance.
SNUBBER
MAIN FILTER
DAMPING NETWORK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com