Electronic Components Datasheet Search
  English  ▼

X  

AN4199 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4199
Description  Two-layer demonstration board based on the STA333IS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4199 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4199 Datasheet HTML 13Page - STMicroelectronics AN4199 Datasheet HTML 14Page - STMicroelectronics AN4199 Datasheet HTML 15Page - STMicroelectronics AN4199 Datasheet HTML 16Page - STMicroelectronics AN4199 Datasheet HTML 17Page - STMicroelectronics AN4199 Datasheet HTML 18Page - STMicroelectronics AN4199 Datasheet HTML 19Page - STMicroelectronics AN4199 Datasheet HTML 20Page - STMicroelectronics AN4199 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
DocID023917 Rev 1
17/23
AN4199
Design guidelines for schematic and PCB layout
23
6.3.2
Main filter
The main filter is an L and C based Butterworth filter. The cut-off frequency must be chosen
between the upper limit of the audio band (~20 kHz) and the carrier frequency (384 kHz).
Figure 18. Main filter
6.3.3
Damping network
The C-R-C is a damping network. It is mainly intended for high inductive loads where the
speaker load could be disconnected.
Figure 19. Damping network
Rload
Cload
Lload
Lload
INxA
INxB
Lload
Rload
2
Π
2
*
fcutoff
*
*
----------------
-----------------
=
f cutoff
1
2
Π
*
2
load
Lload
*
*
*
-----------------------------------------------------------------------
=
Cload
1
2
Π
fcutoff Rload
*
*
*
-----------------------------------------------------------------
=
C
----------------
-
Table 2. Recommended values for main filter and damping network
Rload
16
12
8
6
4
Main filter
Lload
47 µH
33 µH
22 µH
15 µH
10 µH
Cload
220 nF
330 nF
470 nF
680 nF
1 µF
Damping network
C damp-S
100 nF
100 nF
100 nF
100 nF
220 nF
C damp-P
100 nF
100 nF
100 nF
100 nF
220 nF
R damp
10
8.2
6.2
4.7
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com