Electronic Components Datasheet Search
  English  ▼

X  

AN4253 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 22Page - STMicroelectronics AN4253 Datasheet HTML 23Page - STMicroelectronics AN4253 Datasheet HTML 24Page - STMicroelectronics AN4253 Datasheet HTML 25Page - STMicroelectronics AN4253 Datasheet HTML 26Page - STMicroelectronics AN4253 Datasheet HTML 27Page - STMicroelectronics AN4253 Datasheet HTML 28Page - STMicroelectronics AN4253 Datasheet HTML 29Page - STMicroelectronics AN4253 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
HW resource initialization
AN4253
26/44
DocID024255 Rev 2
Configure input clock to FMPLL0
External crystal oscillator shall be used as input to FMPLL block. A selection is done in the
AUX_Clock selector 3 block.
Default reset value
Code sequence
1.
Set SELCTL bit field of CGM_AC3_SC register to 1 (XOSC)
Configure FMPLL0
The FMPLL0 configuration consists in setting right values to, IDF, ODF and NDIV, in
FMPLL0.CR register. Values have to fulfill equations given in RM0032 (see B.1: Reference
documents). Their values depend on selected crystal oscillator and target system frequency.
Default reset values
Example 1
Setting for 120 MHz system clock derived from 40 MHz crystal oscillator
Code sequence
1.
Write IDF,ODF and NDIV values to FMPLL0.CR register
(0xC3FE_00A0)
Enable FMPLL0 block (mode transition)
It is necessary to set PLL0ON bit in ME_DRUN_MC register and then to initiate a mode
transition to DRUN.
Code sequence
1.
Set bit PLL0ON in ME_DRUN_MC register
2.
Write DRUN with Key_1 in ME_MCTL register
3.
Write DRUN with Key_2 in ME_MCTL register
4.
Wait mode transition to finish (ME_GS.MTRANS bit = 0)
•
FMPLL0 input
IRC_16 MHz. It is necessary to change it to XOSC.
•
IDF=1
Input frequency divided by 2. It must be changed to fulfill 4-16 MHz input
range in case of 40 MHz crystal oscillator
•
ODF=1
Divide VCO output frequency by 4.
•
NDIV=64
Input frequency divided by IDF block multiplied by NDIV to get VCO
frequency, which must be within 256-512 MHz frequency range.
•
IDF=3
40 MHz / 4 = 10 MHz as input to FMPLL
•
NDIV=48
10 MHz * 48 = 480 MHz as VCO frequency
•
ODF=1
480 MHz / 4 = 120 MHz system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com