Electronic Components Datasheet Search
  English  ▼

X  

AN4370 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 7Page - STMicroelectronics AN4370 Datasheet HTML 8Page - STMicroelectronics AN4370 Datasheet HTML 9Page - STMicroelectronics AN4370 Datasheet HTML 10Page - STMicroelectronics AN4370 Datasheet HTML 11Page - STMicroelectronics AN4370 Datasheet HTML 12Page - STMicroelectronics AN4370 Datasheet HTML 13Page - STMicroelectronics AN4370 Datasheet HTML 14Page - STMicroelectronics AN4370 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DocID025336 Rev 1
11/23
AN4370
Diagnostic
22
4
Diagnostic
Diagnostic information is classified in different categories: Functional Errors (FE), Device
Errors (DE), Fail Safe errors (FS) and Global Warnings (GW).
Once entered in FS condition due to a detected FS event, all the control registers are write
protected, except the following bits: WDG trigger & GOSTBY/STBYSEL, which allow
sending the device in one of the two possible STDBY modes, even though the device is in
FS condition. In Fail Safe condition the following features will be disabled and all the control
registers, except Control Register 1 and DSFT_DIS bit, will be reset to default values. These
are the blocks disabled in Fail Safe condition: CP, BEMFIP, CSA & GATE DRIVERS
(actively discharged before disabling them). Some events detected by default as faults
could be programmed just to trigger warnings instead. This latter option can be
controlled/modified by SPI. An error flag, except NRDY (automatically cleared), can be
cleared only if the related fault condition ended before the reception of the related R&C
command; otherwise the flag will not be cleared. Since the NRDY flag will automatically be
cleared as soon as the VCP, right after a POR, rises above the VCPLOW threshold, it could
happen that a reading command of the content of SR1, that includes the NRDY flag,
received while the NRDY flag is being automatically cancelled, returns the following wrong
temporary reading of the status register (SR1):0800h for CPLOWM = 1 or 0200h for
CPLOWM = 0 (of course assuming the NRDY flag the only one responsible for a GSB value
different than 80h. In fact the expected value returned by a reading command should be
0840h or 0240h respectively). After this temporary wrong value read any further reading
command of SR1 will return to its correct value, which is 8000h.
It is important to know that the device supports bitwise Read and Clear operations for each
status register. This means that a R&C operation can be addressed to specific status flags.
For instance to clear just the DISABLE status flag (BIT5) of Status Register 1, the
microcontroller should send the following binary code to achieve the desired effect without
clearing any other flag of the same register:
Figure 5. SPI command frame structure (SDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com