Electronic Components Datasheet Search
  English  ▼

X  

AN4370 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 12Page - STMicroelectronics AN4370 Datasheet HTML 13Page - STMicroelectronics AN4370 Datasheet HTML 14Page - STMicroelectronics AN4370 Datasheet HTML 15Page - STMicroelectronics AN4370 Datasheet HTML 16Page - STMicroelectronics AN4370 Datasheet HTML 17Page - STMicroelectronics AN4370 Datasheet HTML 18Page - STMicroelectronics AN4370 Datasheet HTML 19Page - STMicroelectronics AN4370 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
PRE-DRIVE tests
AN4370
16/23
DocID025336 Rev 1
Figure 8. PRE-DRIVE test example: Phase 1 connected
Charge pump output voltage
The integrated two-stage charge pump is supplied from the VS pin. The curves in Figure 9
have been measured on one L99ASC03 unit at room temperature. Figure 9 can be used in
conjunction with the VCPLOW parameter in the datasheet to assess if the charge pump can
provide enough voltage to drive the external MOSFETs and if the L99ASC03 will set the
CPLOW flag (bit 7 in Status Register 1).
Figure 9. Difference between charge pump output voltage and input supply voltage vs. input
supply voltage VVS as a function of charge pump load (CCP1 =CCP2 =220 nF, CTANK =1µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com