Electronic Components Datasheet Search
  English  ▼

X  

AN4427 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4427
Description  Gasket design for optimal acoustic performance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4427 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4427 Datasheet HTML 8Page - STMicroelectronics AN4427 Datasheet HTML 9Page - STMicroelectronics AN4427 Datasheet HTML 10Page - STMicroelectronics AN4427 Datasheet HTML 11Page - STMicroelectronics AN4427 Datasheet HTML 12Page - STMicroelectronics AN4427 Datasheet HTML 13Page - STMicroelectronics AN4427 Datasheet HTML 14Page - STMicroelectronics AN4427 Datasheet HTML 15Page - STMicroelectronics AN4427 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Acoustic gasket and sealing guidelines
AN4427
12/19
DocID025705 Rev 1
These simulated geometries are helpful when the gasket designer must introduce different
volumes. This constraint can occur when the whole application forces the placement of the
microphone far from the chassis or perpendicular to the chassis. The following table
summarizes the resonances frequency position according to the simulated geometries.
The simulations performed so far have been focused on the contribution of the geometry on
the microphone frequency response. There is another important parameter to be introduced
to provide a proper analysis of the gaskets: the acoustic impedance of the involved material.
Basically, while the position of resonance frequency depends on the geometry of the whole
structure, the magnitude of the resonance peak depends on the acoustic impedance of the
materials. The COMSOL® tool allows setting, as boundary conditions, the material
properties of each surface involved in the simulation. The goal of the following simulations is
to determine the relationship between the resonance peak magnitudes with respect to the
acoustic properties of the material. This target will be achieved by setting impedance
boundary conditions(a) instead of sound-hard boundaries in the tool. For each surface the
proper acoustic impedance of the material will be set. The simulations will be performed,
firstly setting the pressure at the structure sound inlet opening (1Pa), setting the acoustic
impedance of the MEMS membrane (120*150) and setting the silicon cavity impedance
(2000*1500). The above parameters are common to the entire real situation while the
gasket surfaces acoustic impedance can vary according to the designer’s preference. As a
matter of fact, the gasket can consist of plastic, rubber or other materials. Additionally the
cover can be made of aluminum or iron or plastic as well.
Referring to the following figure, the yellow, pink and green surfaces will be set and kept
fixed according to their real acoustic impedance while the blue surface will be modified
according to the properties of the different materials.
Table 3. Resonance peak vs. geometry
Geometry
Resonance frequency (Hz)
(a): L = 4 mm; R = 300 µ
16600
(b): L = 4 mm; R1 = 300 µ; R2 = 600 µ
11600
(c): L = 4 mm; R1 = 300 µ; R2 = 1 mm
7500
(d): L = 4 mm; R1 = 300 µ; R2= 600 µ; R3 = 300 µ
14600
(e): L = 4 mm; R1 = 600 µ; R2 = 300 µ
22700
(f): Tank L = 4 mm; R = 300 µ
15600
(g): Tank L = 4 mm; R = 300 µ; W = 600 µ
12200
a.
The acoustic impedance is defined as the product of the density of the material and the speed of sound in that
material: Zacu = p x c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com