Electronic Components Datasheet Search
  English  ▼

X  

AN4428 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4428
Description  Best practices in the manufacturing process
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4428 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4428 Datasheet HTML 7Page - STMicroelectronics AN4428 Datasheet HTML 8Page - STMicroelectronics AN4428 Datasheet HTML 9Page - STMicroelectronics AN4428 Datasheet HTML 10Page - STMicroelectronics AN4428 Datasheet HTML 11Page - STMicroelectronics AN4428 Datasheet HTML 12Page - STMicroelectronics AN4428 Datasheet HTML 13Page - STMicroelectronics AN4428 Datasheet HTML 14Page - STMicroelectronics AN4428 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID025706 Rev 1
11/18
AN4428
Quality assurance
18
Figure 7. 3 x 4 new design nozzle
This design ensures that the holes for the vacuum and the air blow are always away from
the porthole of the device (4 vacuum ports at the corner of the device). Additionally, the new
design has also a recess, in the form of a cross, allowing the porthole to be left always at
atmospheric pressure. Under these conditions, the membrane will not suffer any sudden air
disturbances during the picking or placing of the device in the tape and reel. Figure 8 shows
the detailed mechanical dimensions of the new picker, the positioning of the vacuum holes
and the width of the recess.
Figure 8. Picker mechanical details for HLGA 3 x 4 microphones
The safe areas of the 4 x 5 and 3 x 4 microphones are identical and differ only in the
dimensions. The safe area of the 4 x 5 microphones includes the safe area of the 3 x 4
microphones; hence, despite this difference, the 4 vacuum port nozzle can be used for both
microphone packages. The following figure shows the usage of the 4-hole picker in the ST
production line (finishing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com