Electronic Components Datasheet Search
  English  ▼

X  

AN4428 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4428
Description  Best practices in the manufacturing process
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4428 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4428 Datasheet HTML 8Page - STMicroelectronics AN4428 Datasheet HTML 9Page - STMicroelectronics AN4428 Datasheet HTML 10Page - STMicroelectronics AN4428 Datasheet HTML 11Page - STMicroelectronics AN4428 Datasheet HTML 12Page - STMicroelectronics AN4428 Datasheet HTML 13Page - STMicroelectronics AN4428 Datasheet HTML 14Page - STMicroelectronics AN4428 Datasheet HTML 15Page - STMicroelectronics AN4428 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Quality assurance
AN4428
12/18
DocID025706 Rev 1
Figure 9. Actual pick-and-place nozzle used in ST manufacturing facilities
Finally, other parameters must be rigorously controlled for the proper handling of the device:
the force of the vacuum and the pressure of the nozzle on top of the microphone package.
The pressure of the nozzle depends on the velocity and the height during the picking of the
device but also depends on the force set for the placement of the nozzle on the safe area.
To correctly control the forces involved during the pick-and-place process, the following
indications must be respected:
 Do not allow more than 7 psi(a) vacuum force
 Usually the picker is set to a minimum distance from the component (100-200 µm)
 Recommended placement force on the safe area is below 500 g
1.4
Pre-shipment
The flowchart below represents the back-end process from testing to shipment. Basically
the devices are tested according to electrical and acoustic parameters (ATE), they are
placed in a tray, then they are placed in a reel using the automatic pick-and-place machine
and finally the microphones are packaged and shipped to the customer.
Figure 10. Back-end process flow
a.
1 kPa = 0.145 psi (lb/in²) = 0.0102 kgf/cm² = 0.0098 atm maximum allowed pressure on microphone package
AM17606v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com