Electronic Components Datasheet Search
  English  ▼

X  

AN4569 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 11Page - STMicroelectronics AN4569 Datasheet HTML 12Page - STMicroelectronics AN4569 Datasheet HTML 13Page - STMicroelectronics AN4569 Datasheet HTML 14Page - STMicroelectronics AN4569 Datasheet HTML 15Page - STMicroelectronics AN4569 Datasheet HTML 16Page - STMicroelectronics AN4569 Datasheet HTML 17Page - STMicroelectronics AN4569 Datasheet HTML 18Page - STMicroelectronics AN4569 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
DocID026803 Rev 1
15/29
AN4569
2.1-channel applications using two devices
29
inductance with the copper wires on the PC board. For each VCC pin, two capacitors are
needed (100 nF and 1 μF). The meaning of each decoupling component is as follows:
C23S and C24M are part of the power supply and they are used as a far tank capacitor.
The 100 nF capacitors (C24S, C24M, C25S and C25M) smooth the high-frequency
spikes
The 1 μF capacitors (C26 and C27) smooth the low-frequency spikes and they are also
used as a close tank for the 100 nF capacitor.
The decoupling capacitors on the VDD_DIG and PLL_VDD pins (C1, C2 and C3) are placed
close to the pins.
The reason why the VDD_DIG and PLL_VDD are separated with beads is to avoid high
frequencies on VDD_DIG. It is possible to avoid these components if the layout is done with
the right star connections.
Decoupling capacitors on regulators (C6 and C7) are placed close to the device.
All decoupling capacitors must be X7R. This is because the X7R capacitor is stable over
temperature (±15%).
For example, the Y5V dielectric is very unstable (specs are +22% -82%).
The next figure shows THD at different values of the tank capacitor (C23) in the ST demo
board using the bench power supply. The minimum THD is similar using 10 μF or 1000 μF
capacitors. The main difference is at medium-high power where the tank is not sufficient to
guarantee the peak current.
Figure 13. THD+Noise ratio with different values of the tank capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com