Electronic Components Datasheet Search
  English  ▼

X  

IRL3103 Datasheet(PDF) 8 Page - International Rectifier

Part # IRL3103
Description  Power MOSFET(Vdds=30V, Rds(on)=12mohm, Id=64A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3103 Datasheet(HTML) 8 Page - International Rectifier

  IRL3103 Datasheet HTML 1Page - International Rectifier IRL3103 Datasheet HTML 2Page - International Rectifier IRL3103 Datasheet HTML 3Page - International Rectifier IRL3103 Datasheet HTML 4Page - International Rectifier IRL3103 Datasheet HTML 5Page - International Rectifier IRL3103 Datasheet HTML 6Page - International Rectifier IRL3103 Datasheet HTML 7Page - International Rectifier IRL3103 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRL3103
8
www.irf.com
L EAD ASSIG NM E NT S
1 - G A T E
2 - D R A IN
3 - S O U RC E
4 - D R A IN
- B -
1 .32 (.05 2)
1 .22 (.04 8)
3X
0.55 (.02 2)
0.46 (.01 8)
2 .92 (.11 5)
2 .64 (.10 4)
4.69 ( .18 5 )
4.20 ( .16 5 )
3X
0.93 (.03 7)
0.69 (.02 7)
4.06 (.16 0)
3.55 (.14 0)
1.15 (.04 5)
M IN
6.47 (.25 5)
6.10 (.24 0)
3.78 (.149 )
3.54 (.139 )
- A -
10 .54 (.4 15)
10 .29 (.4 05)
2.87 (.11 3)
2.62 (.10 3)
15.24 (.60 0)
14.84 (.58 4)
14.09 (.55 5)
13.47 (.53 0)
3X
1.40 (.055)
1.15 (.045)
2.54 (.10 0)
2X
0 .3 6 (.01 4)
M
B
A
M
4
1
2
3
N O TES:
1 D IM E N S IO N IN G & TO L E R A N C ING P E R A N S I Y 1 4.5M , 1 9 82.
3 O U T LIN E C O N F O R M S TO JE D E C O U T LIN E TO -2 20 A B .
2 C O NTROL LIN G DIM E NSIO N : INCH
4 HEATSINK & LEAD M EASUREM E NTS DO N OT INCLU DE BURRS.
Part Marking Information
TO-220AB
Package Outline
TO-220AB
Dimensions are shown in millimeters (inches)
P A RT NU M B E R
IN TE R N A TIO N A L
RE CT IF IE R
L O G O
E X A M P L E : T H IS IS A N IR F 1010
W IT H A S S E M B L Y
L O T C O D E 9 B 1 M
ASS EMB L Y
L O T
C O D E
DA T E C O DE
(Y Y WW)
YY = YE AR
WW = WE E K
9246
IR F 1010
9B
1 M
A
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 3/01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com