Electronic Components Datasheet Search
  English  ▼

X  

IRL3103 Datasheet(PDF) 1 Page - International Rectifier

Part # IRL3103
Description  Power MOSFET(Vdds=30V, Rds(on)=12mohm, Id=64A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3103 Datasheet(HTML) 1 Page - International Rectifier

  IRL3103 Datasheet HTML 1Page - International Rectifier IRL3103 Datasheet HTML 2Page - International Rectifier IRL3103 Datasheet HTML 3Page - International Rectifier IRL3103 Datasheet HTML 4Page - International Rectifier IRL3103 Datasheet HTML 5Page - International Rectifier IRL3103 Datasheet HTML 6Page - International Rectifier IRL3103 Datasheet HTML 7Page - International Rectifier IRL3103 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRL3103
HEXFET® Power MOSFET
3/16/01
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.6
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 30V
RDS(on) = 12mΩ
ID = 64A
S
D
G
TO-220AB
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts.
The low thermal
resistance and low package cost of the TO-220 contribute
to its wide acceptance throughout the industry.
Description
PD - 91337
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
64
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
45
A
IDM
Pulsed Drain Current

220
PD @TC = 25°C
Power Dissipation
94
W
Linear Derating Factor
0.63
W/°C
VGS
Gate-to-Source Voltage
± 16
V
IAR
Avalanche Current

34
A
EAR
Repetitive Avalanche Energy

22
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated


Similar Part No. - IRL3103

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL3103 ISC-IRL3103 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRL3103D1 IRF-IRL3103D1 Datasheet
94Kb / 6P
FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103D1PBF IRF-IRL3103D1PBF Datasheet
330Kb / 7P
Generation 5 Technology
IRL3103D1S IRF-IRL3103D1S Datasheet
126Kb / 7P
FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103D1S IRF-IRL3103D1S Datasheet
100Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
More results

Similar Description - IRL3103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRL3103D1 IRF-IRL3103D1 Datasheet
94Kb / 6P
FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103D1S IRF-IRL3103D1S Datasheet
126Kb / 7P
FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com