Electronic Components Datasheet Search
  English  ▼

X  

AN2348 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2348
Description  package description and recommendations for use
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2348 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2348 Datasheet HTML 7Page - STMicroelectronics AN2348 Datasheet HTML 8Page - STMicroelectronics AN2348 Datasheet HTML 9Page - STMicroelectronics AN2348 Datasheet HTML 10Page - STMicroelectronics AN2348 Datasheet HTML 11Page - STMicroelectronics AN2348 Datasheet HTML 12Page - STMicroelectronics AN2348 Datasheet HTML 13Page - STMicroelectronics AN2348 Datasheet HTML 14Page - STMicroelectronics AN2348 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AN2348
Soldering assembly recommendations
Doc ID 12282 Rev 5
11/17
5.2
PCB design recommendations for 2-bar Flip Chips
For optimum electrical performance and highly reliable solder joints, STMicroelectronics
recommends the PCB design recommendations listed in Table 4.
Note:
A gold layer finishing on the PCB pad that is too thick (0.2 µm maximum) is not
recommended (low joint reliability).
To optimize the natural self centering effect of CSP on the PCB, PCB pad positioning and
size have to be properly designed (see Figure 11).
Figure 11.
Solder mask opening
Micro vias
An alternative to routing on the top surface is to route out on buried layers. To achieve this,
the pads are connected to the lower layers using micro vias. Only SSBU via technology is
approved.
Table 4.
PCB design recommendations for solder bar pitch 400 µm
For NSMD PCB
non solder mask defined
Oblong pad: 370 x 180 µm
– Micro via SSBU allowed
– Micro via SBU to be avoided
– Micro via SBU filled (under qualification)
Track:
– Only one track per pad
– Maximum track width = 100 µm
Track layout must be symmetrical to the die axis (to homogenize stress
and welding attraction during reflow assembly)
For SMD PCB
solder mask defined
Oblong pad:
– Micro via SSBU allowed
– Micro via SBU to be avoided
– Micro via SBU filled (under qualification)
PCB Pad Finishing
Cu – Ni (2-6 µm) - Au (0.2 µm max)
370 µm
370 µm
100 µm
450 µm
180 µm
180 µm
255 µm
Non solder mask defined
Solder mask defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com