Electronic Components Datasheet Search
  English  ▼

X  

AN2348 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2348
Description  package description and recommendations for use
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2348 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2348 Datasheet HTML 9Page - STMicroelectronics AN2348 Datasheet HTML 10Page - STMicroelectronics AN2348 Datasheet HTML 11Page - STMicroelectronics AN2348 Datasheet HTML 12Page - STMicroelectronics AN2348 Datasheet HTML 13Page - STMicroelectronics AN2348 Datasheet HTML 14Page - STMicroelectronics AN2348 Datasheet HTML 15Page - STMicroelectronics AN2348 Datasheet HTML 16Page - STMicroelectronics AN2348 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Conclusion
AN2348
16/17
Doc ID 12282 Rev 5
8
Conclusion
Lead-free Flip-Chip packages have been developed by STMicroelectronics for electronic
applications where integration and performance are the main concerns of designers.
STMicroelectronics Flip Chips offer:
●
Remarkable board space saving (package size equal to die size and total height less
than 605 µm)
●
Enhanced electrical performance (minimized parasitic inductance due to very short
electrical paths and absence of redistribution layer)
●
High reliability due to integration of a whole function traditionally based on discrete
interconnected components.
Flip Chips are delivered in tape and reel and are fully compatible with other high volume
SMD components (standard plastic packages or CSP/BGA packages) regarding existing
pick and place equipment, standard solder reflow assembly equipment and standard PCB
techniques.
9
Revision history
Table 6.
Document revision history
Date
Revision
Changes
15-Sep-2006
1
First issue
15-Oct-2006
2
Added section 5.4.1 on Rework procedure.
10-Mar-2010
3
Updated bump composition in Section 1: Product description and
Section 2: Mechanical description. Updated solder paste
composition in Section 5.3: PCB assembly guidelines. Updated
for 2-bar Flip Chips.
06-Sep-2011
4
Updated references to standards. Added parameter variations for
tape dimensions in Figure 4 and Figure 5.
Added Figure 7. Updated reel label in Figure 9. Updated soldering
reflow profile in Figure 12.
19-Oct-2012
5
Corrected typographical error in Figure 12. Restructured Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com