Electronic Components Datasheet Search
  English  ▼

X  

UM0563 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0563
Description  L9952GXP software driver user manual
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0563 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0563 Datasheet HTML 28Page - STMicroelectronics UM0563 Datasheet HTML 29Page - STMicroelectronics UM0563 Datasheet HTML 30Page - STMicroelectronics UM0563 Datasheet HTML 31Page - STMicroelectronics UM0563 Datasheet HTML 32Page - STMicroelectronics UM0563 Datasheet HTML 33Page - STMicroelectronics UM0563 Datasheet HTML 34Page - STMicroelectronics UM0563 Datasheet HTML 35Page - STMicroelectronics UM0563 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
L9952GXP software driver platform types
UM0563
32/46
Table 32.
L9952drv_Timer1PeriodType
Type
enum
Range
L9952DRV_TIMER1PERIOD_500
Sets timer 1 period to 0.5 s
L9952DRV_TIMER1PERIOD_1000
Sets timer 1 period to 1 s
L9952DRV_TIMER1PERIOD_1500
Sets timer 1 period to 1.5 s
L9952DRV_TIMER1PERIOD_2000
Sets timer 1 period to 2 s
L9952DRV_TIMER1PERIOD_2500
Sets timer 1 period to 2.5 s
L9952DRV_TIMER1PERIOD_3000
Sets timer 1 period to 3 s
L9952DRV_TIMER1PERIOD_3500
Sets timer 1 period to 3.5 s
L9952DRV_TIMER1PERIOD_4000
Sets timer 1 period to 4 s
Description
Defines the timer 1 period of the L9952GXP
Table 33.
L9952drv_Timer1ONTimeType
Type
enum
Range
L9952DRV_TIMER1ONTIME_10
Defines the ‘on’ time value as 10 ms
L9952DRV_TIMER1ONTIME_20
Defines ‘on’ time value as 20 ms
Description
Defines the ‘on’ time of timer 1 of the L9952GXP
Table 34.
L9952drv_Timer2ONTimeType
Type
enum
Range
L9952DRV_TIMER2ONTIME_01
Defines the ‘on’ time value as 100 µs
L9952DRV_TIMER2ONTIME_1
Defines the ‘on’ time value as 1 ms
Description
Defines the ‘on’ time of timer 2 of the L9952GXP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com