| Electronic Components Datasheet Search |
|
UM0563 Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0563 Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 46 page ![]() UM0563 L9952GXP software driver platform types 35/46 Table 41. L9952drv_VsLockoutModeType Type enum Range L9952DRV_VS_LOCKOUT_DISABLE Disables Vs lockout after a Vs over/under voltage condition has disappeared. Outputs automatically recover according to the output settings in the CR0 register. L9952DRV_VS_LOCKOUT_ENABLE Enables Vs lockout. After a Vs over/under voltage recovery, outputs remain off until the status register 1 bits 0 and 1 are cleared by the CLR command, using bit 21 of control regsiter 1. Description Defines Vs lockout modes for controlling automatic recovery after Vs over/under voltage recovery of the L9952GXP Table 42. L9952drv_RelayShutdownModeType Type enum Range L9952DRV_RELAY_SHUTDOWN_EN ABLE Enables shutdown of relay outputs during Vs over/under voltage of the L9952GXP. REL1.2 turned off in case of Vs over/under voltage. L9952DRV_RELAY_SHUTDOWN_DIS ABLE Disables shutdown of relay outputs during Vs over/under voltage of the L9952GXP. REL1.2 remain on in case of Vs over/under voltage. Description Defines modes which control Vs over/under voltage shutdown of REL1.2 (low side drivers) Table 43. L9952drv_IntModeType Type enum Range L9952DRV_INT_DISABLE Disables interrupt mode L9952DRV_INT_ENABLE Enables interrupt mode Description Defines modes which control the interrupt mode of the L9952GXP Table 44. L9952drv_StatusRegType Type uint32 Range 0..0x00FFFFFF Description The L9952drv_StatusRegType defines global data types for access to a complete local copy of the L9952GXP status registers 0 and 1. Access to the internal structure and particular bit variables of each status register is provided by a set of masks related to each bit variable inside the status register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |