Electronic Components Datasheet Search
  English  ▼

X  

UM1569 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1569
Description  SmartPlugW demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1569 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1569 Datasheet HTML 1Page - STMicroelectronics UM1569 Datasheet HTML 2Page - STMicroelectronics UM1569 Datasheet HTML 3Page - STMicroelectronics UM1569 Datasheet HTML 4Page - STMicroelectronics UM1569 Datasheet HTML 5Page - STMicroelectronics UM1569 Datasheet HTML 6Page - STMicroelectronics UM1569 Datasheet HTML 7Page - STMicroelectronics UM1569 Datasheet HTML 8Page - STMicroelectronics UM1569 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
March 2013
DocID23586 Rev 1
1/24
UM1569
Application note
STEVAL-IHP004V1: SmartPlugW demonstration board
By Salvo Bonina and Nunzio Dipaola
Introduction
This demonstration board is a smartplug based on the STM32W108CB microcontroller
integrated into the SPZB32W1A2.1 module, the STPM10 energy metering IC, and the
T2035H Triac. The board is a node of an IEEE-802.15.4 network which allows the final user
to monitor and manage the energy consumption of the load connected to the SmartPlugW.
The board has been developed to provide a guideline to build an automation subsystem for
energy management and is designed to fit the dimensions of a standard box for wall
installation and easy integration into the electrical systems of homes or commercial
buildings. The current, power, energy and other information related to the electrical load
connected to the SmartPlugW board are sent to a data concentrator through the wireless
network of a home or building. The board includes the following sections shown in the block
diagram of
Figure 1:
• Energy measurement by the STPM10 IC
• Wireless communication up to 250 kbps by the SPZB32W1A2.1 module
• Data storage by the M24LR64 dual-interface EEPROM
• Power supply by VIPer16
• Load driver with soft-start/stop by T2035H TRIAC and relay
Figure 1. SmartPlugW block diagram
AM15223v1
AM15223v1
12V
TRIAC
SPI
I2C
Energy Measurement
STPM10
Power
Management
DUAL EEPROM
M24LR64
ZigBee Module
IEEE802.15.4
SPZBW
RELAY
www.st.com


Similar Part No. - UM1569

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1560 STMICROELECTRONICS-UM1560 Datasheet
4Mb / 59P
STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
13-May-2014
logo
Union Semiconductor, In...
UM1560DA UNIONSEMI-UM1560DA Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
UM1560DB UNIONSEMI-UM1560DB Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
UM1560S UNIONSEMI-UM1560S Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
logo
STMicroelectronics
UM1561 STMICROELECTRONICS-UM1561 Datasheet
972Kb / 39P
This document describes how the firmware to manage the 250 W micro-inverter demo
16-Oct-2012
More results

Similar Description - UM1569

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
71117 VISHAY-71117 Datasheet
201Kb / 11P
SI9113 Demonstration Board
29-Feb-00
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
ISD-ES002 WINBOND-ISD-ES002 Datasheet
152Kb / 1P
Parrot Demonstration Board
ES302 WINBOND-ES302 Datasheet
362Kb / 4P
ES302 DEMONSTRATION BOARD
logo
STMicroelectronics
STEVAL-MKI126V1 STMICROELECTRONICS-STEVAL-MKI126V1 Datasheet
596Kb / 9P
STSmartVoice demonstration board
18-Sep-2012
STEVAL-MKI126V3 STMICROELECTRONICS-STEVAL-MKI126V3 Datasheet
568Kb / 9P
STSmartVoice demonstration board
18-Sep-2012
AN3094 STMICROELECTRONICS-AN3094 Datasheet
364Kb / 8P
EVAL2293Q demonstration board
06-May-2010
AN3244 STMICROELECTRONICS-AN3244 Datasheet
565Kb / 9P
EVAL6230QR demonstration board
26-Nov-2010
logo
Renesas Technology Corp
RTKA210040DR0000BU RENESAS-RTKA210040DR0000BU Datasheet
2Mb / 13P
Demonstration Board Manual
Apr 14, 2021 Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com