Electronic Components Datasheet Search
  English  ▼

X  

UM1569 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1569
Description  SmartPlugW demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1569 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1569 Datasheet HTML 10Page - STMicroelectronics UM1569 Datasheet HTML 11Page - STMicroelectronics UM1569 Datasheet HTML 12Page - STMicroelectronics UM1569 Datasheet HTML 13Page - STMicroelectronics UM1569 Datasheet HTML 14Page - STMicroelectronics UM1569 Datasheet HTML 15Page - STMicroelectronics UM1569 Datasheet HTML 16Page - STMicroelectronics UM1569 Datasheet HTML 17Page - STMicroelectronics UM1569 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SmartPlugW demonstration board components
UM1569
14/24
DocID23586 Rev 1
2.12.2
Energy meter IC calibration connector
Figure 14. Energy meter calibration connector
4
TCK
9
GND
5
GND
10
Reset
Table 10. JTAG connector - pin description (continued)
Pin
Description
Pin
Description
Table 11. Energy meter calibration connector - pin description
Pin
Description
Pin
Description
1
VCC
6
TDO
2
TMS
7
N.C.
3
GND
8
SYN_CAL
4
TCK
9
SBG
5
GND
10
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com