Electronic Components Datasheet Search
  English  ▼

X  

UM1599 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1599
Description  The STPM01 and STPM1x evaluation software
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1599 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1599 Datasheet HTML 7Page - STMicroelectronics UM1599 Datasheet HTML 8Page - STMicroelectronics UM1599 Datasheet HTML 9Page - STMicroelectronics UM1599 Datasheet HTML 10Page - STMicroelectronics UM1599 Datasheet HTML 11Page - STMicroelectronics UM1599 Datasheet HTML 12Page - STMicroelectronics UM1599 Datasheet HTML 13Page - STMicroelectronics UM1599 Datasheet HTML 14Page - STMicroelectronics UM1599 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID024146 Rev 1
11/17
UM1599
Application menu
Figure 10. Calibration wizard - calibration
It is possible to calibrate one current channel at a time or both at the same time.
According to the choice, the user should check the check boxes related to the channels to
calibrate, select the number of samples to average and the delay between samples.
Pressing the “Calibrate” button, the calibration procedure starts and it consists of:
•
Writing device configuration bits and setting calibrators in the middle of the range
•
Reading and averaging samples
•
Calculating the calibrators to reach the target measure calculated above.
Once the calibration process is completed correctly (Figure 11), it is possible to write in the
shadow memory the calibrators or to calibrate next phase selecting the proper check box
and pressing “Calibrate” again.
Figure 11. Calibration wizard - calibration completed
To close the process, press “Write SHL” to write all calibrators in shadow memory and return
to the main form.
If the calibrators are out of range, the user is asked to go back and modify the board
parameters and/or the constant pulse to achieve the calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com