Electronic Components Datasheet Search
  English  ▼

X  

UPD17145CT Datasheet(PDF) 9 Page - NEC

Part # UPD17145CT
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17145CT Datasheet(HTML) 9 Page - NEC

Back Button UPD17145CT Datasheet HTML 5Page - NEC UPD17145CT Datasheet HTML 6Page - NEC UPD17145CT Datasheet HTML 7Page - NEC UPD17145CT Datasheet HTML 8Page - NEC UPD17145CT Datasheet HTML 9Page - NEC UPD17145CT Datasheet HTML 10Page - NEC UPD17145CT Datasheet HTML 11Page - NEC UPD17145CT Datasheet HTML 12Page - NEC UPD17145CT Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
9
µPD17145(A1), 17147(A1), 17149(A1)
Symbol
VDD
P0F1/VREF
P0C3/ADC3
to
P0C0/ADC0
P0B3
P0B2
P0B1
P0B0
P0A3
P0A2
P0A1
P0A0
P0E3
P0E2
P0E1
P0E0
P0D3/TM1OUT
P0D2/SI
P0D1/SO
P0D0/SCK
1. PIN
1.1. Pin Function
Function
Power supply.
Reference voltage input to port 0F and A/D converter.
• Pull-up resistor can be connected by mask
option.
• P0F1
• Bit 1 of 2-bit input port (P0F)
•VREF
• Reference voltage input pin of A/D converter
Analog input to port 0C and A/D converter.
• P0C3-P0C0
• 4-bit I/O port
• Can be set in input or output mode bitwise.
• ADC3-ADC0
• Analog inputs to A/D converter.
Port 0B.
• 4-bit I/O port
• Can be set in input or output mode in 4-bit
units.
• Pull-up resistor can be connected in 4-bit units
via software.
Port 0A.
• 4-bit I/O port.
• Can be set in input or output mode in 4-bit
units.
• Pull-up resistor can be connected in 4-bit units
via software.
Port 0E.
• 4-bit I/O port.
• Can be set in input or output mode in 4-bit
units.
• Pull-up resistor can be connected in 4-bit units
via software.
Port 0D that is also used for timer 1 output, serial
data input, serial data output, and serial clock I/O.
• Pull-up resistor can be connected bitwise via
software.
• P0D3-P0D0
• 4-bit I/O port.
• Can be set in input or output mode bitwise.
• TM1OUT
• Timer 1 output
•SI
• Serial data input
•SO
• Serial data output
• SCK
• Serial clock I/O
Output Format
—
Input
CMOS push-pull
CMOS push-pull
CMOS push-pull
N-ch
open-drain
N-ch
open-drain
After Reset
—
Input (P0F1)
Input (P0C)
Input
Input
Input
Input (P0D)
Pin Number
1
2
3 to 6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com