Electronic Components Datasheet Search
  English  ▼

X  

UPD17145CT Datasheet(PDF) 92 Page - NEC

Part # UPD17145CT
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17145CT Datasheet(HTML) 92 Page - NEC

Back Button UPD17145CT Datasheet HTML 88Page - NEC UPD17145CT Datasheet HTML 89Page - NEC UPD17145CT Datasheet HTML 90Page - NEC UPD17145CT Datasheet HTML 91Page - NEC UPD17145CT Datasheet HTML 92Page - NEC UPD17145CT Datasheet HTML 93Page - NEC UPD17145CT Datasheet HTML 94Page - NEC UPD17145CT Datasheet HTML 95Page - NEC UPD17145CT Datasheet HTML 96Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
92
µPD17145(A1), 17147(A1), 17149(A1)
28 PIN CERAMIC SHRINK DIP (400 mil) (For ES)
ITEM
MILLIMETERS
INCHES
A
B
C
D
F
G
H
I
J
28.0 MAX.
1.778 (T.P.)
0.8 MIN.
3.0±1.0
1.0 MIN.
5.1 MAX.
4.3 MAX.
2.7
0.46±0.05
1.103 MAX.
0.201 MAX.
0.018±0.002
0.031 MIN.
0.118±0.04
0.039 MIN.
0.106
0.170 MAX.
0.070 (T.P.)
P28D-70-400B-1
A
NOTES
1) Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
K
L
M
10.16 (T.P.)
9.84
0.25±0.05
0.400 (T.P.)
0.387
0.010
N
0.25
0.010
R
0~15°
0~15°
+0.002
–0.003
2) ltem "K" to center of leads when formed parallel.
M
F
D
N
C
B
M
R
K
L
28
15
114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com