Electronic Components Datasheet Search
  English  ▼

X  

2N6845 Datasheet(PDF) 3 Page - International Rectifier

Part # 2N6845
Description  POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2N6845 Datasheet(HTML) 3 Page - International Rectifier

  2N6845 Datasheet HTML 1Page - International Rectifier 2N6845 Datasheet HTML 2Page - International Rectifier 2N6845 Datasheet HTML 3Page - International Rectifier 2N6845 Datasheet HTML 4Page - International Rectifier 2N6845 Datasheet HTML 5Page - International Rectifier 2N6845 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Fig. 1 — Typical Output Characteristics
TC = 25°C
Fig. 2 — Typical Output Characteristics
TC = 150°C
Fig. 3 — Typical Transfer Characteristics
Fig. 4 — Normalized On-Resistance Vs.Temperature
Fig. 5 — Typical Capacitance Vs. Drain-to-Source
Voltage
Fig. 6 — Typical Gate Charge Vs. Gate-to-Source
Voltage
JANTX2N6845, JANTXV2N6845 Device
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com