Electronic Components Datasheet Search
  English  ▼

X  

AN3095 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 23Page - STMicroelectronics AN3095 Datasheet HTML 24Page - STMicroelectronics AN3095 Datasheet HTML 25Page - STMicroelectronics AN3095 Datasheet HTML 26Page - STMicroelectronics AN3095 Datasheet HTML 27Page - STMicroelectronics AN3095 Datasheet HTML 28Page - STMicroelectronics AN3095 Datasheet HTML 29Page - STMicroelectronics AN3095 Datasheet HTML 30Page - STMicroelectronics AN3095 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
AN3095
Schematic description
Doc ID 16555 Rev 3
27/55
The output voltage of the sensor circuits must be adapted to the voltage range of the analog
to digital converter (ADC) of the STM32F103xx microcontroller, which is 0-3.3 V. This task is
accomplished using simple circuits based on operational amplifiers, such as the one shown
in Figure 16 for grid-voltage measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55