Electronic Components Datasheet Search
  English  ▼

X  

AN3095 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 34Page - STMicroelectronics AN3095 Datasheet HTML 35Page - STMicroelectronics AN3095 Datasheet HTML 36Page - STMicroelectronics AN3095 Datasheet HTML 37Page - STMicroelectronics AN3095 Datasheet HTML 38Page - STMicroelectronics AN3095 Datasheet HTML 39Page - STMicroelectronics AN3095 Datasheet HTML 40Page - STMicroelectronics AN3095 Datasheet HTML 41Page - STMicroelectronics AN3095 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
STM32F103xx-based current control strategy for inverter grid connection
AN3095
38/55
Doc ID 16555 Rev 3
6
STM32F103xx-based current control strategy for
inverter grid connection
A single-phase grid-connected inverter, with unipolar pulse-width modulation, operates from
a DC voltage source and is characterized by four modes of operation or states. Two modes
take place during the positive load current period and two modes in the negative load
current period, as shown in Table 6.
The switching patterns are defined by a control algorithm which generates the desired
outputs starting from the information provided by the feedback signals. For example,
algorithms for the grid connection are based on the use of current controllers, consisting of a
single loop or multiple loops according to the desired level of dynamics and accuracy.
Multiple-loop controllers are generally preferred, thanks both to their superior performance
and the relative ease of implementation in modern microcontrollers. With single-voltage loop
control methods, the inverter output voltage is compared with a sinusoidal reference,
proportional to the grid voltage and the generated error is then sent to the input of a current
regulator to create a sinusoidal reference for the PWM modulator. Despite its simple
implementation, this approach does not provide good regulation under non-linear loads and
is characterized by steady-state error. For these reasons, both output voltage and current
are used in control algorithms to provide better dynamic response and damping of the
resonant peak caused by the output LC or LCL filter. However, the time varying nature of the
controlled variables prevents an optimal regulation of output voltage and current. To
overcome such problems, a predictive current controller or deadbeat controller may be
implemented. The first approach, based on the assumption that a precise model of the
controlled system is available, predicts the inverter voltages required to force the measured
current to follow the reference current, but has the disadvantage of being difficult to
implement. The second method, while providing really fast dynamic response, is very
sensitive to system noise and is dependent on system parameters, [see References 12, 13,
14
, 15, 16].
Recently, new methods such as the PR (proportional resonant) current control method have
been adopted to control the PV inverters with zero steady-state error and the possibility of
selective harmonic compensation with low computational effort. However, implementations
in low cost fixed-point microcontrollers have been proven to be difficult due to limited
computational capability and restricted numerical representation.
Another possible current-control method uses DQ synchronous reference frames and
provides both the advantage of zero steady-state error, thanks to the use of PI controllers,
and simple implementation.
Table 6.
Operating modes of grid-connected voltage source inverter
Mode
Z1
Z2
Z3
Z4
D3
D4
Vout
Iout
1
OnOff
Off
OnOff
Off
Vbus
+
2
On
Off
Off
Off
On
Off
0
+
3
Off
On
On
Off
Off
Off
-Vbus
-
4
Off
On
Off
Off
Off
On
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com