Electronic Components Datasheet Search
  English  ▼

X  

AN3361 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3361
Description  Schottky diode avalanche performance in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3361 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3361 Datasheet HTML 7Page - STMicroelectronics AN3361 Datasheet HTML 8Page - STMicroelectronics AN3361 Datasheet HTML 9Page - STMicroelectronics AN3361 Datasheet HTML 10Page - STMicroelectronics AN3361 Datasheet HTML 11Page - STMicroelectronics AN3361 Datasheet HTML 12Page - STMicroelectronics AN3361 Datasheet HTML 13Page - STMicroelectronics AN3361 Datasheet HTML 14Page - STMicroelectronics AN3361 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN3361
Choosing the appropriate Schottky diode
Doc ID 018589 Rev 1
11/15
A Pspice simulation shows the power involved in an STPS5H100BY, for example, as shown
in Figure 10, according to the schematic of Figure 9.
Figure 9.
Pspice model of Pulse 1 surge test using STPS5H100BY Schottky diode
Figure 10.
Pspice simulation result
The blue curve in Figure 10 is the power dissipated in the diode avalanche. It is a triangular
shape curve with a peak power at 118 W during 120 µs. This waveform is equivalent to a
59 W square shape pulse of 120 µs duration.
In order to evaluate if the diode is able to dissipate this energy in the avalanche, two
elements are relevant:
●
PARM(1 µs, Tj = 25° C) is the repetitive peak avalanche power
●
PARM(Tp)/ PARM(1 µs, Tj = 25 °C) curve Figure 11.
C1
1000 u
I = 13.5
C
I1
1
STPS5H100 Pspice Model
R1
10
0
V2
D3
V3
+
-
100
D5
V1 = 0
V2 = -100
TD1 = 0.1 m
TC1 = 400 n
TD2 = 0.1004 m
TC2 = 0.85 m
ISO7637-2 Pulse 1 Pspice Model
0s
0. 1ms
0. 2ms
0. 3ms
0. 4ms
0. 5ms
0. 6ms
0. 7ms
0. 8ms
0.
1
2
I( V3)
>
W
W
W
W
>
9ms
1. 0ms
0V
40V
80V
120V
1
0A
1. 0A
2. 0A
2
>
-100
0
100
200
2
SEL>
V (I 1: +, D3 : C)* I ( V3: +)
V (I 1: +, D3 : C)
Time
A1 = 103.192 u,
118.574
A2 = 222.340 u,
1.3069
dif = -119.149 u,
117.267
Probe Cursor
Diode dissipation power
Diode reverse current
Diode reverse voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com