Electronic Components Datasheet Search
  English  ▼

X  

AN3361 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3361
Description  Schottky diode avalanche performance in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3361 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3361 Datasheet HTML 7Page - STMicroelectronics AN3361 Datasheet HTML 8Page - STMicroelectronics AN3361 Datasheet HTML 9Page - STMicroelectronics AN3361 Datasheet HTML 10Page - STMicroelectronics AN3361 Datasheet HTML 11Page - STMicroelectronics AN3361 Datasheet HTML 12Page - STMicroelectronics AN3361 Datasheet HTML 13Page - STMicroelectronics AN3361 Datasheet HTML 14Page - STMicroelectronics AN3361 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Choosing the appropriate Schottky diode
AN3361
12/15
Doc ID 018589 Rev 1
In the example, we have selected the STPS5H100BY where:
PARM(1 µs, Tj = 25 °C) = 7200 W.
The derating curve Figure 11 shows the equivalent avalanche power the STPS5H100BY is
able to dissipate is 0.035 · PARM (1 µs, Tj = 25 °C) = 252 W
Therefore in this example the STPS5H100BY meets the ISO 7637-2 requirements and
ensures a good reverse battery protection.
Figure 11.
Normalized avalanche power derating versus pulse duration for
STPS5H100BY
Note:
The derating curve for STPS5H100BY can be found as Figure 3 in the datasheet for this
device.
Table 6 indicates which Schottky diode can withstand Pulse 1 of ISO 7637-2 standard.
Table 6 shows that only a few Schottky diodes can handle this constraint.
0.001
0.01
0.1
0.01
1
0.1
0.035
120 µs
10
100
1000
1
P(t )
P
(1µs)
ARM
p
ARM
t (µs)
p
Table 6.
Compliance of Schottky diodes with ISO 7637-2 Pulse 1
Pulse 1 surge voltage (V)
Vs = -100 V
STPS2H100UY
Yes
STPS5H100BY
Yes
STPS8H100GY
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com