Electronic Components Datasheet Search
  English  ▼

X  

AN3392 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 22Page - STMicroelectronics AN3392 Datasheet HTML 23Page - STMicroelectronics AN3392 Datasheet HTML 24Page - STMicroelectronics AN3392 Datasheet HTML 25Page - STMicroelectronics AN3392 Datasheet HTML 26Page - STMicroelectronics AN3392 Datasheet HTML 27Page - STMicroelectronics AN3392 Datasheet HTML 28Page - STMicroelectronics AN3392 Datasheet HTML 29Page - STMicroelectronics AN3392 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
Pin description
AN3392
26/57
Doc ID 018749 Rev 1
8
Pin description
Table 3.
Pin description
Pin
(PSSO-36)
Name
Type
Description
34
Vin
Supply DC input power
7,8,17,18,19,
20,29,31
VOUT
Supply
Boost output voltage, pins 7 and 8 are internally shorted and connected
to pins 29 and 30.
Pins 17 and 18 are internally shorted and connected to pins 19 and 20.
All of the VOUT pins must be connected to the VOUT rail of the PCB.
12,13,24,25
PGND
Ground Power ground to be connected to the ground plane of the PCB.
1
SGND
Ground Signal ground to be connected to the ground plane of the PCB.
10,11,14,15,
22,23,26,27
LX1…4
I
Boost inductor connection.
9,16,21,28
CB1…4
I/O
External bootstrap capacitors to be connected between these pins and
LXi.
31
XCS
I
Chip select for SPI interface:XCS = HIGH => SPI device is not active
XCS = LOW => SPI device is active
If this pin is left floating an internal resistor pulls the XCS pin up,
switching the SPI off.
32
SPI_DATA_IN
I
Input pin for SPI data flow. If not used, this pin should be connected to
ground.
33
SPI_CLK
I
Input pin for SPI clock signal. If not used, this pin should be connected to
ground.
35
VIN_SNS
I
Sense pin of input voltage. To be biased with a resistor divider between
VIN and SGND.
36
VIN_SNS_M
I
Dedicated reference pin for voltage sensing.
2PZ_OUT
I/O
This pin is used to compensate the feedback loop of the output voltage.
A series of resistors and capacitors must be connected to SGND.
3VOUT_SNS
I
Sense pin of output voltage. To be biased with a resistor divider between
VOUT and SGND.
4OSC_IN
I
Pin for adjusting the switching frequency. To set the default value (100
kHz) this pin must be tied to VREG, otherwise for adjustment it must be
biased through a resistor to SGND.
5VREG
I/O
Power supply for internal low-voltage circuitry; an external capacitor
must be connected from this pin to the ground plane of the PCB.
6
SPI_DATA_OUT
O
Output pin for SPI data flow. If not used, this pin should be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com