Electronic Components Datasheet Search
  English  ▼

X  

AN4305 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4305
Description  Using the SPIRIT1 transceiver with range extender
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4305 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4305 Datasheet HTML 7Page - STMicroelectronics AN4305 Datasheet HTML 8Page - STMicroelectronics AN4305 Datasheet HTML 9Page - STMicroelectronics AN4305 Datasheet HTML 10Page - STMicroelectronics AN4305 Datasheet HTML 11Page - STMicroelectronics AN4305 Datasheet HTML 12Page - STMicroelectronics AN4305 Datasheet HTML 13Page - STMicroelectronics AN4305 Datasheet HTML 14Page - STMicroelectronics AN4305 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DocID024733 Rev 1
11/20
AN4305
Transmitter parameters
20
Figure 10. Unwanted emission in the spurious domain, GMSK modulation, 4.8 kbps
data rate, 200 kHz span
Figure 11. Unwanted emission in the spurious domain, GFSK modulation, 2.4 kbps
data rate, 2.4 kHz frequency deviation, 800 kHz span
AM17221v1
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
1.69E+08
1.69E+08
1.69E+08
1.69E+08
1.69E+08
1.70E+08
Frequency [Hz]
Spirit
ETSI mask
Alternate
Channel
Alternate
Channel
Adjacent
Channel
Adjacent
Channel
AM17222v1
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
1.69E+08
1.69E+08
1.69E+08
1.70E+08
1.70E+08
Frequency [Hz]
Spirit
ETSI mask
Channel + Adjacent + Alternate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com