Electronic Components Datasheet Search
  English  ▼

X  

AN4305 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4305
Description  Using the SPIRIT1 transceiver with range extender
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4305 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4305 Datasheet HTML 10Page - STMicroelectronics AN4305 Datasheet HTML 11Page - STMicroelectronics AN4305 Datasheet HTML 12Page - STMicroelectronics AN4305 Datasheet HTML 13Page - STMicroelectronics AN4305 Datasheet HTML 14Page - STMicroelectronics AN4305 Datasheet HTML 15Page - STMicroelectronics AN4305 Datasheet HTML 16Page - STMicroelectronics AN4305 Datasheet HTML 17Page - STMicroelectronics AN4305 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Receiver parameters
AN4305
14/20
DocID024733 Rev 1
Figure 13. Sensitivity vs. data rate with 1% BER
3.2
Blocking
Blocking is a measure of the capability of the receiver to receive a wanted modulated signal
without exceeding a given degradation due to the presence of an unwanted input signal at
any frequency other than those of the spurious responses or the adjacent channels or
bands.
All the blocking results are measured by positioning the input power 3 dB above the
measured sensitivity limit reported in the previous paragraph with a primary signal source
generator. A second generator with an un-modulated signal is used as the interferer and
combined with the primary signal using a power combiner. The second interferer generator
is placed at the desired frequency offset and the power is increased until the BER
degradation of 1% is obtained.
ETSI specifies the blocking limits at two points: ±2 and ±10 MHz. The limit for class 2
receiver at ±2 MHz is 37.7 dB from the 3 dB level above the sensitivity, and at ±10 MHz it is
62.7 dB from the 3 dB level above the sensitivity.
The SPIRIT1 with range extender is fully compliant with ETSI class 2 receiver blocking
requirements, with a large margin.
AM17224v1
-130
-125
-120
-115
-110
-105
-100
-95
1
10
Data Rate [kbps]
Spirit
ETSI Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com