Electronic Components Datasheet Search
  English  ▼

X  

UM0673 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0673
Description  The power board STEVAL-ISF001V2 is a 3 kW PFC designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0673 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0673 Datasheet HTML 7Page - STMicroelectronics UM0673 Datasheet HTML 8Page - STMicroelectronics UM0673 Datasheet HTML 9Page - STMicroelectronics UM0673 Datasheet HTML 10Page - STMicroelectronics UM0673 Datasheet HTML 11Page - STMicroelectronics UM0673 Datasheet HTML 12Page - STMicroelectronics UM0673 Datasheet HTML 13Page - STMicroelectronics UM0673 Datasheet HTML 14Page - STMicroelectronics UM0673 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
UM0673
BOM and schematics
Doc ID 15337 Rev 2
11/19
33
1
Q3
BC557
34
1
RV1
NTC 1
Ω 26 mm (ex. SIEMENS S464)
35
1
R1
470 k
Ω 1/2 W
36
1
R2
22
Ω 1 W
37
2
R3,R4
560 k
Ω
38
1
R5
120 k
Ω
39
1
R6
10 k
Ω
40
2
R7,R13
150 k
Ω
41
1
R8
47 k
Ω
42
3
R9,R10,R11
680 k
Ω
43
3
R12,R16,R17
2.2 M
Ω
44
1
R14
82 k
Ω
45
1
R15
15 k
Ω
46
1
R18
33
Ω
47
2
R19,R21
3.3
Ω
48
2
R20,R22
6.8
Ω
49
1
R23
2.7 k
Ω
50
2
R24,R29
18.7 k
Ω
51
1
R25
1.5 k
Ω
R26
470 k
Ω
52
1
R27
8.2 k
Ω
53
1
R28
560 k
Ω
54
2
R30,R31
0.07
Ω 5 W Lob5 non-inductive
55
1
R32
820
Ω
56
2
R33,R34
(2)
100 k
Ω 1/2 W
57
1
T1
MAGNETICA 1922.0001
58
1
L2
MAGNETICA 1389.0008 1.2 mH 18 A
59
1
L3
MAGNETICA 1929.0001 31μH 8 A
60
1
V1
Metal oxide varistor 22 mm 275 V
61
1
C22
680 nF 630 V
62
1
C5
0.68 μF 630 V
63
1
C14
1 μF (SMD)
64
1
R35
470 k
Ω 1/2 W
1.
Only 1 mounted
2.
R33 and R34 have to be mounted far from the surface
Table 1.
Bill of material (continued)
Item
Qty
Reference
Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com