Electronic Components Datasheet Search
  English  ▼

X  

UM0673 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0673
Description  The power board STEVAL-ISF001V2 is a 3 kW PFC designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0673 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0673 Datasheet HTML 11Page - STMicroelectronics UM0673 Datasheet HTML 12Page - STMicroelectronics UM0673 Datasheet HTML 13Page - STMicroelectronics UM0673 Datasheet HTML 14Page - STMicroelectronics UM0673 Datasheet HTML 15Page - STMicroelectronics UM0673 Datasheet HTML 16Page - STMicroelectronics UM0673 Datasheet HTML 17Page - STMicroelectronics UM0673 Datasheet HTML 18Page - STMicroelectronics UM0673 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
UM0673
Experimental measurements
Doc ID 15337 Rev 2
17/19
Figure 9.
Boost inductor with auxiliary winding, T1 (MAGNETICA 1922.0001)
technical sheet
AM01979v1
STP 04
Product Technical Specification
Code :
1922.0001
Product: PFC Inductor 1.5mH 13A
Customer:
STMicroelectronics
Customer Code:
TYPICAL APPLICATION
INDUCTOR FOR BUCK, BOOST AND BUCK-BOOST DC/DC
CONVERTER
, SUITABLE ALSO IN HALF-BRIDGE, PUSH-
PULL AND FULL
-BRIDGE APPLICATIONS
TECHNICAL DATA
INDUCTANCE
(MEASURE 1KHZ, TA 20°C)
PIN
1,2,3-4,5,6
1.5mH ±15%
PIN
H
u
8
1
8
-
7
±15%
RESISTANCE
(DC MEASURE, TA 20°C)
PIN
1,2,3-4,5,6
100m
Ω MAX
PIN
m
5
8
1
8
-
7
Ω MAX
OPERATING CURRENT
13A MAX
(DC MEASURE , TA 20°C)
OPERATING VOLTAGE
500V MAX
(F 70KHZ, IR 13A , TA 20°C)
SATURATION CURRENT
29A MAX
(DC MEASURE, L
≥ 35%NOM, TA 20°C)
RESONANCE FREQUENCY
250KHZ NOM
(TA 20°C)
OPERATING AMBIENT TEMPERATURE
-10°C
÷+45°C
(IR 13A MAX)
MAXIMUM DIMENSIONS
75X80 H62mm
WEIGHT
820g APPROX
SCHEMATIC
INDUCTANCE VS CURRENT
INDUCTANCE VS FREQUENCY
PIN DESCRIPTION
PIN
(*)
FUNCTION
PIN
(*)
FUNCTION
1
A
PFC BOBBIN START
5
B
PFC BOBBIN END
2
A
PFC BOBBIN START
6
B
PFC BOBBIN END
3
A
PFC BOBBIN START
7
AUXILIARY BOBBIN START
4
B
PFC BOBBIN END
8
AUXILIARY BOBBIN END
(*)PIN WITH THE SAME SUBSCRIPT MUST BE CONNECTED TOGETHER ON PCB
1-2-3
4-5-6
7
8
10%
100%
0
5
10
15
20
25
30
L
I [A]
0%
200%
400%
600%
800%
0
50
100
150
200
250
f [kHz]
MAGNETICA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com