Electronic Components Datasheet Search
  English  ▼

X  

UM1582 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1582
Description  24-pin smartcard interface ST8034HN demonstration board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1582 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1582 Datasheet HTML 1Page - STMicroelectronics UM1582 Datasheet HTML 2Page - STMicroelectronics UM1582 Datasheet HTML 3Page - STMicroelectronics UM1582 Datasheet HTML 4Page - STMicroelectronics UM1582 Datasheet HTML 5Page - STMicroelectronics UM1582 Datasheet HTML 6Page - STMicroelectronics UM1582 Datasheet HTML 7Page - STMicroelectronics UM1582 Datasheet HTML 8Page - STMicroelectronics UM1582 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID023836 Rev 1
3/9
UM1582
Description
2
Description
Figure 2. Demonstration board description
2.1
Use of the demonstration board
The ST8034HN demonstration board is designed both for standalone operation or to be fully
controlled by the microcontroller; it is fully configurable and provides access to all the
signals including supply voltages through labeled test points and uses a standard connector
for a simple communication interface with the microcontroller block. The labeled test points
on the board are in the same order as the signals in the flat interface cable.
The following blocks provide the demonstration board configurability:
Crystal clock oscillator (10 MHz): can be used to provide card clock in a standalone
operation.
Card clock source selection switch: allows selection between the onboard crystal
oscillator as the card clock source (clock source switch position “Xtal”), or an external
clock source provided by the microcontroller block through the MCU interface together
with the data signals (clock source switch position “Ext”).
Card supply (VCC) selection switches: the demonstration board provides easy but
flexible card supply voltage selection either by the onboard configuration switches or by
the microcontroller. Put the VCC_SEL1 and VCC_SEL2 switches to the position
“VDD(INTF)” (logic high level) or “GND” (logic low level) to select the desired VCC value
(5.0 V, 3.0 V or 1.8 V) according to Table 1, or to the center position (“MCU”) which
connects this signal to the microcontroller interface to allow its control of these input
signals.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com