Electronic Components Datasheet Search
  English  ▼

X  

UM1582 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1582
Description  24-pin smartcard interface ST8034HN demonstration board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1582 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1582 Datasheet HTML 1Page - STMicroelectronics UM1582 Datasheet HTML 2Page - STMicroelectronics UM1582 Datasheet HTML 3Page - STMicroelectronics UM1582 Datasheet HTML 4Page - STMicroelectronics UM1582 Datasheet HTML 5Page - STMicroelectronics UM1582 Datasheet HTML 6Page - STMicroelectronics UM1582 Datasheet HTML 7Page - STMicroelectronics UM1582 Datasheet HTML 8Page - STMicroelectronics UM1582 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Description
UM1582
4/9
DocID023836 Rev 1
For an easy connection of oscilloscope probes to the test points, remove the plastic tip with
the hook from the probes and insert the center pin into the test point terminal. Ground test
points are available in a sufficient amount throughout the board.
2.2
Smartcard interface
The demonstration board contains a full size smartcard connector. Insert the smartcard from
the right-hand side, card contacts facing down. Card presence detection is implemented
(a presence switch inside the card connector, normally open).
2.3
Interface to a microcontroller block
A standard 16-pin header connector with a standard cable is used to interconnect the
ST8034HN demonstration board module with a microcontroller block. The voltage level for
communication on this interface is VDD(INTF).
2.4
Default functionality notes
No floating pins: for simple standalone testing, all the input signal levels are softly
defined by pull-up or pull-down resistors on the board, refer to Figure 4: Schematic
diagram.
The PORADJ undervoltage threshold on the VDD(INTF) supply voltage (UVLO) is set by
R1 and R2 to 1.5 V typ. The resistors can be replaced with different values to set
different undervoltage thresholds on VDD(INTF):
VDD(INTF) UVLO threshold (falling) = (R1 + R2) / R2 x VTH(PORADJ)
VDD(INTF) UVLO threshold (rising) = (R1 + R2) / R2 x (VTH(PORADJ)+ VHYST(PORADJ))
For detailed specifications of the voltage threshold values, refer to Table 6 of the ST8034HN
datasheet.
The sum of R1 + R2 should be about 100 k
, which is a good compromise between
a sufficient robustness and a minimum current consumption.
Please consider tolerance ranges of the resistors used in the resistor divider and
specifications range of the VTH(PORADJ) to make sure that even in the worst case the real
VDD(INTF) undervoltage deactivation threshold does not fall in the desired operating voltage
range (i.e. consider also voltage supply tolerance range).
Table 1. VCC selection by VCC_SEL1 and VCC_SEL2 switches
VCC_SEL1 position
VCC_SEL2 position
VCC
GND
x(1)
1. x = don't care, however, please note that a combination of VCC_SEL1 = VCC_SEL2 = GND and
CMDVCC = high puts the ST8034HN device into a deep shutdown mode.
1.8 V
VDD(INTF)
VDD(INTF)
5 V
VDD(INTF)
GND
3 V
MCU
MCU
Set by the microcontroller



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com