Electronic Components Datasheet Search
  English  ▼

X  

UM1613 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1613
Description  16-pin smartcard interface ST8034P demonstration board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1613 Datasheet(HTML) 7 Page - STMicroelectronics

  UM1613 Datasheet HTML 1Page - STMicroelectronics UM1613 Datasheet HTML 2Page - STMicroelectronics UM1613 Datasheet HTML 3Page - STMicroelectronics UM1613 Datasheet HTML 4Page - STMicroelectronics UM1613 Datasheet HTML 5Page - STMicroelectronics UM1613 Datasheet HTML 6Page - STMicroelectronics UM1613 Datasheet HTML 7Page - STMicroelectronics UM1613 Datasheet HTML 8Page - STMicroelectronics UM1613 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DocID024287 Rev 1
7/9
UM1613
Bill of material
5
Bill of material
Table 2. Bill of material
Component
Value
Type
Manufacturer
Note
U1
Smartcard interface
device
ST8034PQR
STMicroelectronics®
QFN16 3 x 3 x 0.8 mm
package
SC1
Smartcard connector
7434L0825S01LF
FCI
J1
Power supply
terminal
ARK210/2EX
Xinya
J2
Power supply
terminal
ARK210/2EX
Xinya
J3
Header connector
T821116A1R100CEU
Amphenol
S2
VCC selection switch
SSSS820501
ALPS
R1
18 k
0805
R2
82 k
0805
R3
100 k
0805
R4
100 k
0805
C1
100 nF
0805
C2
100 nF
0805
C3
100 nF
0805
C4
100 nF
0805
C5
10 µF
0805
C6
220 nF
0805
Cable connectors
2 x 8 pin / 16-lead
T812116A101CEU
Amphenol
Cable
16-lead
1-57040-6
TE Connectivity



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com