Electronic Components Datasheet Search
  English  ▼

X  

UM1613 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1613
Description  16-pin smartcard interface ST8034P demonstration board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1613 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1613 Datasheet HTML 1Page - STMicroelectronics UM1613 Datasheet HTML 2Page - STMicroelectronics UM1613 Datasheet HTML 3Page - STMicroelectronics UM1613 Datasheet HTML 4Page - STMicroelectronics UM1613 Datasheet HTML 5Page - STMicroelectronics UM1613 Datasheet HTML 6Page - STMicroelectronics UM1613 Datasheet HTML 7Page - STMicroelectronics UM1613 Datasheet HTML 8Page - STMicroelectronics UM1613 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID024287 Rev 1
3/9
UM1613
Description
2
Description
Figure 2. Demonstration board description
2.1
Use of the demonstration board
The ST8034P demonstration board is designed both for standalone operation or to be fully
controlled by the microcontroller; it is fully configurable and provides access to all the
signals including supply voltages through labeled test points and uses a standard connector
for a simple communication interface with the microcontroller block. The labeled test points
on the board are in the same order as the signals in the flat interface cable.
For an easy connection of oscilloscope probes to the test points, remove the plastic tip with
the hook from the probes and insert the center pin into the test point terminal. Ground test
points are available in a sufficient amount throughout the board.
Card supply (VCC) selection switch: the demonstration board provides easy but flexible card
supply voltage selection either by the onboard configuration switch driving the tristate VCC
selection input pin VCC_SEL or by the microcontroller. Put the VCC_SEL switch to the
position “VDD(INTF)” (logic high level) to select VCC = 5 V or “GND” (logic low level) to select
VCC = 3.0 V, see Table 1, or to the center position (“MCU”/floating) which leaves this pin
floating (i.e. selects VCC = 1.8 V) and connects this signal to the microcontroller interface to
allow its control of this input signal if the MCU is connected.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com