Electronic Components Datasheet Search
  English  ▼

X  

SD153R Datasheet(PDF) 3 Page - International Rectifier

Part # SD153R
Description  FAST RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD153R Datasheet(HTML) 3 Page - International Rectifier

  SD153R Datasheet HTML 1Page - International Rectifier SD153R Datasheet HTML 2Page - International Rectifier SD153R Datasheet HTML 3Page - International Rectifier SD153R Datasheet HTML 4Page - International Rectifier SD153R Datasheet HTML 5Page - International Rectifier SD153R Datasheet HTML 6Page - International Rectifier SD153R Datasheet HTML 7Page - International Rectifier SD153R Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SD153N/R Series
2222222222222
12
Code
(
µs)
(A)
(A/
µs)
(V)
(
µs)
(
µC)
(A)
Test conditions
Max. values @ T
J
= 125°C
Recovery Characteristics
typical t
rr
I
pk
di/dt
V
r
t
rr
Q
rr
I
rr
@ 25% I
RRM
Square Pulse
@ 25% I
RRM
T
J
= 25 oC
350
25
- 30
S10
1.0
1.6
21
27
S15
1.5
2.3
61
37
Voltage
V
RRM
max. repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
T
J
= 125°C
V
V
mA
04
400
500
SD153N/R..S10
08
800
900
10
1000
1100
12
1200
1300
SD153N/R..S15
14
1400
1500
16
1600
1700
ELECTRICAL SPECIFICATIONS
Voltage Ratings
35
I
F(AV)
Max. average forward current
150
A
180° conduction, half sine wave.
@ Case temperature
85
°C
I
F(RMS)
Max. RMS current
235
A
DC @ 74°C case temperature
I
FSM
Max. peak, one-cycle
4280
t = 10ms
No voltage
non-repetitive forward current
4480
t = 8.3ms
reapplied
3600
t = 10ms
100% V
RRM
3770
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
92
t = 10ms
No voltage
Initial T
J
= T
J
max.
84
t = 8.3ms
reapplied
65
t = 10ms
100% V
RRM
59
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
916
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level of threshold voltage
1.00
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
V
F(TO)2
High level of threshold voltage
1.46
(I >
π x I
F(AV)
), T
J
= T
J
max.
r
f1
Low level of forward slope resistance
1.35
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
r
f2
High level of forward slope resistance
0.52
(I >
π x I
F(AV)
), T
J
= T
J
max.
V
FM
Max. forward voltage
1.55
V
Ipk= 470 A, T
J
= 25°C, tp = 400 µs square pulse
Parameter
SD153N/R
Units
Conditions
Forward Conduction
KA
2s
A
m
Ω
V
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com