Electronic Components Datasheet Search
  English  ▼

X  

SD153R Datasheet(PDF) 8 Page - International Rectifier

Part # SD153R
Description  FAST RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD153R Datasheet(HTML) 8 Page - International Rectifier

  SD153R Datasheet HTML 1Page - International Rectifier SD153R Datasheet HTML 2Page - International Rectifier SD153R Datasheet HTML 3Page - International Rectifier SD153R Datasheet HTML 4Page - International Rectifier SD153R Datasheet HTML 5Page - International Rectifier SD153R Datasheet HTML 6Page - International Rectifier SD153R Datasheet HTML 7Page - International Rectifier SD153R Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SD153N/R Series
2222222222222
12
Outline Table
DO-205AC (DO-30) Flag
All dimensions in millimeters (inches)
Conforms to JEDEC DO-205AC (DO-30)
All dimensions in millimeters (inches)
GLASS-METAL SEAL
MAX.
16.5 (0.65)
DIA. 8.5 (0.33) NOM.
DIA. 23.5 (0.93) MAX.
SW 27
* FOR METRIC DEVICE: M12 X 1.75
1/2"-20UNF-2A*
C.S. 16mm
2.6 (0.10) MAX.
2
(0.015 s.i.)
GLASS-METAL SEAL
DIA. 23.5 (0.93) MAX.
16.5 (0.65)
5.6 (0.22)
DIA. 5.54 (0.22)
*FOR METRIC DEVICE. M12 X 1.75
1/2"-20UNF-2A*
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com